Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMLL6 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SPC5643LFAMLL6
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SPC5643LFAMLL6 Datasheet HTML 18Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 19Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 20Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 21Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 22Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 23Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 24Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 25Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 10
Introduction
NXP Semiconductors
22
—EXTEST
—SAMPLE
— SAMPLE/PRELOAD
•
3 test data registers: a bypass register, a boundary scan register, and a device identification register. The size of the
boundary scan register is parameterized to support a variety of boundary scan chain lengths.
•
TAP controller state machine that controls the operation of the data registers, instruction register and associated
circuitry
1.5.40
Voltage regulator / Power Management Unit (PMU)
The on-chip voltage regulator module provides the following features:
•
Single external rail required
•
Single high supply required: nominal 3.3 V both for packaged and Known Good Die option
— Packaged option requires external ballast transistor due to reduced dissipation capacity at high temperature but
can use embedded transistor if power dissipation is maintained within package dissipation capacity (lower
frequency of operation)
— Known Good Die option uses embedded ballast transistor as dissipation capacity is increased to reduce system
cost
•
All I/Os are at same voltage as external supply (3.3 V nominal)
•
Duplicated Low-Voltage Detectors (LVD) to guarantee proper operation at all stages (reset, configuration, normal
operation) and, to maximize safety coverage, one LVD can be tested while the other operates (on-line self-testing
feature)
1.5.41
Built-In Self-Test (BIST) capability
This device includes the following protection against latent faults:
•
Boot-time Memory Built-In Self-Test (MBIST)
•
Boot-time scan-based Logic Built-In Self-Test (LBIST)
•
Run-time ADC Built-In Self-Test (BIST)
•
Run-time Built-In Self Test of LVDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com