Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMLL6 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # SPC5643LFAMLL6
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button SPC5643LFAMLL6 Datasheet HTML 75Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 76Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 77Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 78Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 79Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 80Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 81Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 82Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 136 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
79
Table 11. Thermal characteristics for 144 LQFP package1
1 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site
(board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board
thermal resistance.
Symbol
Parameter
Conditions
Value Unit
RθJA
D
Thermal resistance, junction-to-ambient natural
convection2
2 Junction-to-Ambient thermal resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board
meets JEDEC specification for this package.
Single layer board – 1s
44
°C/W
Four layer board – 2s2p
36
RθJMA
D
Thermal resistance, junction-to-ambient forced
convection at 200 ft/min
Single layer board – 1s
35
°C/W
Four layer board – 2s2p
30
RθJB
D
Thermal resistance junction-to-board3
3 Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC
specification for the specified package.
—24
°C/W
RθJC
D
Thermal resistance junction-to-case4
4 Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate
temperature is used for the case temperature. Reported value includes the thermal resistance of the interface layer.
—8
°C/W
ΨJT
D
Junction-to-package-top natural convection5
5 Thermal characterization parameter indicating the temperature difference between the package top and the
junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization
parameter is written as Psi-JT.
—2
°C/W
Table 12. Thermal characteristics for 257 MAPBGA package1
1 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site
(board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board
thermal resistance.
Symbol
Parameter
Conditions
Value Unit
RθJA
D
Thermal resistance junction-to-ambient natural
convection2
2 Junction-to-Ambient thermal resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board
meets JEDEC specification for this package.
Single layer board – 1s
46
°C/W
Four layer board – 2s2p
26
RθJMA
D
Thermal resistance, junction-to-ambient forced
convection at 200 ft/min
Single layer board – 1s
37
°C/W
Four layer board – 2s2p
22
RθJB
D
Thermal resistance junction-to-board3
3 Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC
specification for the specified package.
—13
°C/W
RθJC
D
Thermal resistance junction-to-case4
4 Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate
temperature is used for the case temperature. Reported value includes the thermal resistance of the interface layer.
—8
°C/W
ΨJT
D
Junction-to-package-top natural convection5
5 Thermal characterization parameter indicating the temperature difference between the package top and the
junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization
parameter is written as Psi-JT.
—2
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com