Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMLL6 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # SPC5643LFAMLL6
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button SPC5643LFAMLL6 Datasheet HTML 86Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 87Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 88Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 89Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 90Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 91Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 92Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 93Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
90
3.11
Temperature sensor electrical characteristics
3.12
Main oscillator electrical characteristics
The device provides an oscillator/resonator driver. Figure 5 describes a simple model of the internal oscillator driver and
provides an example of a connection for an oscillator or a resonator.
IDD_HV_OSC
(oscillator
bypass mode)
T Operating current
TJ = 150 °C
3.3 V supplies
120 MHz
—
—
900
μA
IDD_HV_OSC
(crystal
oscillator mode)
D Operating current
TJ = 150 °C
3.3 V supplies
120 MHz
——
3.5
mA
IDD_HV_FLASH
5
T Operating current
TJ = 150 °C
3.3 V supplies
120 MHz
——
4
mA
IDD_HV_PMU
T Operating current
TJ = 150 °C
3.3 V supplies
120 MHz
——
10
mA
1 Devices configured for DPM mode, single core only with Core 0 executing typical code at 120 MHz from SRAM and Core 1 in
reset. If core execution mode not specified, the device is configured for LSM mode with both cores executing typical code at
120 MHz from SRAM.
2 Enabled Modules in 'Typical mode': FlexPWM0, ETimer0/1/2, CTU, SWG, DMA, FlexCAN0/1, LINFlex, ADC1, DSPI0/1, PIT,
CRC, PLL0/1, I/O supply current excluded. If DPM mode is configured, Core_0 is active while Core_1 is in reset during the
measurements.
3 Internal structures hold the input voltage less than VDDA + 1.0 V on all pads powered by VDDA supplies, if the maximum
injection current specification is met and VDDA is within the operating voltage specifications.
4 This value is the total current for both ADCs.
5 VFLASH is only available in the calibration package.
Table 21. Temperature sensor electrical characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
—
P
Accuracy
TJ = –40 °C to 150 °C
–10
10
°C
TS
D
Minimum sampling period
—
4
—
µs
Table 20. Current consumption characteristics (continued)
Symbol
Parameter
Conditions1
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com