| Electronic Components Datasheet Search |
|
SPC5643LFAMLL6 Datasheet(PDF) 99 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SPC5643LFAMLL6 Datasheet(HTML) 99 Page - NXP Semiconductors |
|
99 / 136 page ![]() Electrical characteristics MPC5643L Microcontroller Data Sheet, Rev. 10 NXP Semiconductors 99 3.16 Flash memory electrical characteristics 4 During the sample time the input capacitance CS can be charged/discharged by the external source. The internal resistance of the analog source must allow the capacitance to reach its final voltage level within tsample. After the end of the sample time tsample, changes of the analog input voltage have no effect on the conversion result. Values for the sample clock tsample depend on programming. 5 This parameter does not include the sample time Tsample, but only the time for determining the digital result. 6 See Figure 8. 7 For the 144-pin package 8 No missing codes Table 26. Flash memory program and erase electrical specifications No. Symbol Parameter Typ1 1 Typical program and erase times represent the median performance and assume nominal supply values and operation at 25C. These values are characterized, but not tested.I Initial Max2 2 Initial Max program and erase times provide guidance for time-out limits used in the factory and apply for <100 program/erase cycles, nominal supply values and operation at 25C. These values are verified at production test. Lifetime Max3 3 Lifetime Max program and erase times apply across the voltage, temperature, and cycling range of product life. These values are characterized, but not tested. Unit 1TDWPROGRAM *4 4 Program times are actual hardware programming times and do not include software overhead. Double word (64 bits) program time4 30 — 500 µs 2TPPROGRAM *4 Page(128 bits) program time4 40 160 500 µs 3T16KPPERASE *4 16 KB block pre-program and erase time 250 1000 5000 ms 4T48KPPERASE *4 48 KB block pre-program and erase time 400 1500 5000 ms 5T64KPPERASE *4 64 KB block pre-program and erase time 450 1800 5000 ms 6T128KPPERASE *4 128 KB block pre-program and erase time 800 2600 7500 ms 7T256KPPERASE *4 256 KB block pre-program and erase time 1400 5200 15000 ms Table 27. Flash memory timing Symbol Parameter Value Unit Min Typ Max TRES D Time from clearing the MCR-ESUS or PSUS bit with EHV = 1 until DONE goes low — — 100 ns TDONE D Time from 0 to 1 transition on the MCR-EHV bit initiating a program/erase until the MCR-DONE bit is cleared —— 5 ns TPSRT D Time between program suspend resume and the next program suspend request.1 100 — — s TESRT D Time between erase suspend resume and the next erase suspend request.2 10 ms μ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |