Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMLL6 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SPC5643LFAMLL6
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SPC5643LFAMLL6 Datasheet HTML 7Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 8Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 9Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 10Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 11Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 12Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 13Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 14Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 136 page
background image
Introduction
MPC5643L Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
11
1.5.10
Error Correction Status Module (ECSM)
The ECSM on this device manages the ECC configuration and reporting for the platform memories (flash memory and SRAM).
It does not implement the actual ECC calculation. A detected error (double error for flash memory or SRAM) is also reported
to the FCCU. The following errors and indications are reported into the ECSM dedicated registers:
•
ECC error status and configuration for flash memory and SRAM
•
ECC error reporting for flash memory
•
ECC error reporting for SRAM
•
ECC error injection for SRAM
1.5.11
Peripheral bridge (PBRIDGE)
The PBRIDGE implements the following features:
•
Duplicated periphery
•
Master access privilege level per peripheral (per master: read access enable; write access enable)
•
Checker applied on PBRIDGE output toward periphery
•
Byte endianess swap capability
1.5.12
Interrupt Controller (INTC)
The INTC provides priority-based preemptive scheduling of interrupt requests, suitable for statically scheduled hard real-time
systems.
For high-priority interrupt requests, the time from the assertion of the interrupt request from the peripheral to when the processor
is executing the interrupt service routine (ISR) has been minimized. The INTC provides a unique vector for each interrupt
request source for quick determination of which ISR needs to be executed. It also provides an ample number of priorities so that
lower priority ISRs do not delay the execution of higher priority ISRs. To allow the appropriate priorities for each source of
interrupt request, the priority of each interrupt request is software configurable.
The INTC supports the priority ceiling protocol for coherent accesses. By providing a modifiable priority mask, the priority can
be raised temporarily so that all tasks which share the resource can not preempt each other.
The INTC provides the following features:
•
Duplicated periphery
•
Unique 9-bit vector per interrupt source
•
16 priority levels with fixed hardware arbitration within priority levels for each interrupt source
•
Priority elevation for shared resource
The INTC is replicated for each processor.
e200z4d data write
0
SRAM 64-bit write (executed as 2 x 32-bit writes)
e200z4d data write
0–2
SRAM 8-,16-bit write
(Read-modify-Write for ECC)
e200z4d flash memory read
0
Flash memory prefetch buffer hit (page hit)
e200z4d flash memory read
3
Flash memory prefetch buffer miss (at 120 MHz; includes 1 cycle
of program flash memory controller arbitration)
Table 2. Platform memory access time summary (continued)
AHB transfer
Data phase
wait states
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com