Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMLL6 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # SPC5643LFAMLL6
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button SPC5643LFAMLL6 Datasheet HTML 76Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 77Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 78Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 79Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 80Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 81Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 82Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 83Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
80
3.4.1
General notes for specifications at maximum junction temperature
An estimation of the chip junction temperature, TJ, can be obtained from Equation 1:
TJ =TA +(RθJA ×PD)
Eqn. 1
where:
TA
= ambient temperature for the package (oC)
RθJA
= junction to ambient thermal resistance (oC/W)
PD
= power dissipation in the package (W)
The junction to ambient thermal resistance is an industry standard value that provides a quick and easy estimation of thermal
performance. Unfortunately, there are two values in common usage: the value determined on a single layer board and the value
obtained on a board with two planes. For packages such as the PBGA, these values can be different by a factor of two. Which
value is closer to the application depends on the power dissipated by other components on the board. The value obtained on a
single layer board is appropriate for the tightly packed printed circuit board. The value obtained on the board with the internal
planes is usually appropriate if the board has low power dissipation and the components are well separated.
When a heat sink is used, the thermal resistance is expressed in Equation 2 as the sum of a junction to case thermal resistance
and a case to ambient thermal resistance:
RθJA =RθJC + RθCA
Eqn. 2
where:
RθJA
= junction to ambient thermal resistance (°C/W)
RθJC
= junction to case thermal resistance (°C/W)
RθCA = case to ambient thermal resistance (°C/W)
RθJC is device related and cannot be influenced by the user. The user controls the thermal environment to change the case to
ambient thermal resistance, RθCA. For instance, the user can change the size of the heat sink, the air flow around the device, the
interface material, the mounting arrangement on printed circuit board, or change the thermal dissipation on the printed circuit
board surrounding the device.
To determine the junction temperature of the device in the application when heat sinks are not used, the Thermal
Characterization Parameter (
ΨJT) can be used to determine the junction temperature with a measurement of the temperature at
the top center of the package case using Equation 3:
TJ =TT +(ΨJT ×PD)
Eqn. 3
where:
TT
= thermocouple temperature on top of the package (°C)
ΨJT
= thermal characterization parameter (°C/W)
PD
= power dissipation in the package (W)
The thermal characterization parameter is measured per JESD51-2 specification using a 40 gauge type T thermocouple epoxied
to the top center of the package case. The thermocouple should be positioned so that the thermocouple junction rests on the
package. A small amount of epoxy is placed over the thermocouple junction and over about 1 mm of wire extending from the
junction. The thermocouple wire is placed flat against the package case to avoid measurement errors caused by cooling effects
of the thermocouple wire.
3.4.1.1
References
Semiconductor Equipment and Materials International
3081 Zanker Road



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com