Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMLL6 Datasheet(PDF) 93 Page - NXP Semiconductors

Part # SPC5643LFAMLL6
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6 Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button SPC5643LFAMLL6 Datasheet HTML 89Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 90Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 91Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 92Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 93Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 94Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 95Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 96Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 136 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
93
tlpll
DFMPLL lock time 6, 7
——
—
200
μs
tdc
D Duty cycle of reference
—40
—
60
%
CJITTER
T CLKOUT period
jitter8,9,10,11
Long-term jitter (avg. over 2 ms
interval), fFMPLLOUT maximum
–6
—
6
ns
Δt
PKJIT
T Single period jitter (peak to
peak)
PHI @ 120 MHz,
Input clock @ 4 MHz
——
175
ps
PHI @ 100 MHz,
Input clock @ 4 MHz
——
185
ps
PHI @ 80 MHz,
Input clock @ 4 MHz
——
200
ps
Δt
LTJIT
T Long term jitter
PHI @ 16 MHz,
Input clock @ 4 MHz
——
±6
ns
fLCK
D Frequency LOCK range
—
–6
—
6
% fFMPLLOUT
fUL
D Frequency un-LOCK range
—
–18
—
18
% fFMPLLOUT
fCS
fDS
D Modulation depth
Center spread
±0.25
—
±2.0
%
fFMPLLOUT
Down spread
–0.5
—
-8.0
fMOD
D Modulation frequency12
—
—
—
100
kHz
1 Considering operation with FMPLL not bypassed.
2 With FM; the value does not include a possible +2% modulation
3 “Loss of Reference Frequency” window is the reference frequency range outside of which the FMPLL is in self clocked
mode.
4 Self clocked mode frequency is the frequency that the FMPLL operates at when the reference frequency falls outside
the fLOR window.
5 f
VCO is the frequency at the output of the VCO; its range is 256–512 MHz.
fSCM is the self-clocked mode frequency (free running frequency); its range is 20–150 MHz.
fSYS =fVCO÷ODF
6 This value is determined by the crystal manufacturer and board design. For 4 MHz to 20 MHz crystals specified for this
FMPLL, load capacitors should not exceed these limits.
7 This specification applies to the period required for the FMPLL to relock after changing the MFD frequency control bits
in the synthesizer control register (SYNCR).
8 This value is determined by the crystal manufacturer and board design.
9 Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum f
SYS.
Measurements are made with the device powered by filtered supplies and clocked by a stable external clock signal.
Noise injected into the FMPLL circuitry via VDDPLL and VSSPLL and variation in crystal oscillator frequency increase the
CJITTER percentage for a given interval.
10 Proper PC board layout procedures must be followed to achieve specifications.
11 Values are with frequency modulation disabled. If frequency modulation is enabled, jitter is the sum of C
JITTER and
either fCS or fDS (depending on whether center spread or down spread modulation is enabled).
12 Modulation depth is attenuated from depth setting when operating at modulation frequencies above 50 kHz.
Table 23. FMPLL electrical characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com