Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMLL6 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # SPC5643LFAMLL6
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button SPC5643LFAMLL6 Datasheet HTML 49Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 50Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 51Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 52Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 53Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 54Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 55Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 56Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 136 page
background image
Package pinouts and signal descriptions
MPC5643L Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
53
VSS_LV_COR
VSS_LV_COR
Decoupling pins for core logic. Decoupling capacitor must be connected
between these pins and the nearest VDD_LV_COR pin.
17
VSS_HV2
VDD_LV_COR
VDD_LV_COR
Decoupling pins for core logic. Decoupling capacitor must be connected
between these pins and the nearest VSS_LV_COR pin.
18
VDD_LV1
VSS 1V2
VSS_LV_PLL0_PLL1 /
1.2 V Decoupling pins for on-chip FMPLL modules. Decoupling capacitor
must be connected between this pin and VDD_LV_PLL.
35
N4
VDD 1V2
VDD_LV_PLL0_PLL1
Decoupling pins for on-chip FMPLL modules. Decoupling capacitor must
be connected between this pin and VSS_LV_PLL.
36
P4
VDD_LV_COR
VDD_LV_COR
Decoupling pins for core logic. Decoupling capacitor must be connected
between these pins and the nearest VSS_LV_COR pin.
39
VDD_LV1
VSS_LV_COR
VSS_LV_COR
Decoupling pins for core logic. Decoupling capacitor must be connected
between these pins and the nearest VDD_LV_COR pin.
40
VSS_LV2
VDD_LV_COR
VDD_LV_COR
Decoupling pins for core logic and Regulator feedback. Decoupling
capacitor must be connected between this pins and VSS_LV_REGCOR.
70
VDD_LV1
VSS_LV_COR
VSS_LV_REGCOR0
Decoupling pins for core logic and Regulator feedback. Decoupling
capacitor must be connected between this pins and VDD_LV_REGCOR.
71
VSS_LV2
VDD_LV_COR
VDD_LV_COR
Decoupling pins for core logic. Decoupling capacitor must be connected
between these pins and the nearest VSS_LV_COR pin.
93
VDD_LV1
VSS_LV_COR
VSS_LV_COR
/ 1.2 V Decoupling pins for core logic. Decoupling capacitor must be
connected between these pins and the nearest VDD_LV_COR pin.
94
VSS_LV2
VDD 1V2
VDD_LV_COR
Decoupling pins for core logic. Decoupling capacitor must be connected
between these pins and the nearest VDD_LV_COR pin.
131
VDD_LV1
VSS 1V2
VSS_LV_COR
Decoupling pins for core logic. Decoupling capacitor must be connected
between these pins and the nearest VDD_LV_COR pin.
132
VSS_LV2
VDD 1V2
VDD_LV_COR /
Decoupling pins for core logic. Decoupling capacitor must be connected
between these pins and the nearest VDD_LV_COR pin.
135
VDD_LV1
VSS 1V2
VSS_LV_COR /
Decoupling pins for core logic. Decoupling capacitor must be connected
between these pins and the nearest VDD_LV_COR pin.
137
VSS_LV2
1 VDD_LV balls are tied together on the 257 MAPBGA substrate.
Table 5. Supply pins (continued)
Supply
Pin #
Symbol
Description
144
pkg
257
pkg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com