| Electronic Components Datasheet Search |
|
SPC5643LFAMLL6 Datasheet(PDF) 105 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SPC5643LFAMLL6 Datasheet(HTML) 105 Page - NXP Semiconductors |
|
105 / 136 page ![]() Electrical characteristics MPC5643L Microcontroller Data Sheet, Rev. 10 NXP Semiconductors 105 The reset sequences shown in Figure 15 and Figure 16 are triggered by functional reset events. RESET is driven low during these two reset sequences only if the corresponding functional reset source (which triggered the reset sequence) was enabled to drive RESET low for the duration of the internal reset sequence1. 3.19.3 Reset sequence trigger mapping The following table shows the possible trigger events for the different reset sequences. It specifies the reset sequence start conditions as well as the reset sequence end indications that are the basis for the timing data provided in Table 31. 1.See RGM_FBRE register for more details. Table 32. Reset sequence trigger — reset sequence Reset Sequence Trigger Reset Sequence Start Condition Reset Sequence End Indication Reset Sequence Destructiv e Reset Sequence, BIST enabled1 1 Whether BIST is executed or not depends on the chip configuration data stored in the shadow sector of the NVM. Destructiv e Reset Sequence, BIST disabled1 External Reset Sequenc e Long, BIST enabled Functiona l Reset Sequenc e Long Functiona l Reset Sequenc e Short All internal destructive reset sources (LVDs or internal HVD during power-up and during operation) Section 3.1 9.4.1, Destructive reset Release of RESET2 2 End of the internal reset sequence (as specified in Table 31) can only be observed by release of RESET if it is not held low externally beyond the end of the internal sequence which would prolong the internal reset PHASE3 till RESET is released externally. triggers cannot trigger cannot trigger cannot trigger Assertion of RESET3 3 The assertion of RESET can only trigger a reset sequence if the device was running (RESET released) before. RESET does not gate a Destructive Reset Sequence, BIST enabled or a Destructive Reset Sequence, BIST disabled. However, it can prolong these sequences if RESET is held low externally beyond the end of the internal sequence (beyond PHASE3). Section 3.1 9.4.2, External reset via RESET cannot trigger triggers4 triggers5 triggers6 All internal functional reset sources configured for long reset Sequence starts with internal reset trigger Release of RESET7 cannot trigger cannot trigger triggers cannot trigger All internal functional reset sources configured for short reset cannot trigger cannot trigger cannot trigger triggers |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |