Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMLL6 Datasheet(PDF) 116 Page - NXP Semiconductors

Part # SPC5643LFAMLL6
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6 Datasheet(HTML) 116 Page - NXP Semiconductors

Back Button SPC5643LFAMLL6 Datasheet HTML 112Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 113Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 114Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 115Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 116Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 117Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 118Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 119Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 120Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
116
Figure 30. DSPI classic SPI timing — master, CPHA = 0
12
tHO
D
Data hold time for outputs
Master (MTFE = 0)
–2
—
ns
Slave
6
—
Master (MTFE = 1, CPHA = 0)
6
—
Master (MTFE = 1, CPHA = 1)
–2
—
1 Slave Receive Only Mode can operate at a maximum frequency of 60 MHz. In this mode, the DSPI can receive data
on SIN, but no valid data is transmitted on SOUT.
Table 39. DSPI timing (continued)
No.
Symbol
Parameter
Conditions
Min
Max
Unit
Data
Last Data
First Data
First Data
Data
Last Data
SIN
SOUT
PCSx
SCK Output
4
9
12
1
11
10
4
SCK Output
(CPOL=0)
(CPOL=1)
3
2
Note: The numbers shown are referenced in Table 39.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com