Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # STC89LE53RC
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC89LE53RC Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button STC89LE53RC Datasheet HTML 6Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 7Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 8Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 9Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 10Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 11Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 12Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 13Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
10
PACKAGE :PLASTIC SHRINK SMALL OUTLINE (TSSOP-20 ,6.4mm × 6.4mm )
e(0.65mm)
B(0.19mm~0.30mm)
 L(0.50mm~0.75mm)
20-PIN
A
A1
B
D
E
e
E2
L
Φ
  DIMENSIONS
in inches (mm)
Minimum/Maximum
- /0.043
(- /1.10)
 0.002/0.006
(0.05/0.15mm)
 0.007/0.012
(0.19/0.30mm)
 0.252/0.260
(6.40/6.60mm)
 0.169/0.177
(4.30/4.50mm)
 0.026 BSC
(0.65mm BSC)
 0.126 BSC
(3.20mm BSC)
 0.020/0.030
(0.50/0.75mm)
0 °/8 °
Φ
D(6.40mm~6.60mm)
STC12C5410AD 系列的 TSSOP-20 封装需订货



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com