Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # STC89LE53RC
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC89LE53RC Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button STC89LE53RC Datasheet HTML 8Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 9Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 10Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 11Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 12Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 13Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 14Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 15Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
12
STC12xx54xx xx — 35x-xxxx xx
管脚数
如 20,28,32
何种封装 : 如
PDIP,SOP,PLCC,TSSOP
工作温度范围 :
I :工业级,-40 ℃  ~ +85 ℃
C:商业级, 0℃  ~ 70℃
工作频率:
12 :工作频率可到 12MHz
35 :工作频率可到 35MHz
48 :工作频率可到 48MHz
AD :有 A/D 转换功能
无 AD 字样,则无 A/D 转换
程序空间大小, 如:
04 是 4K 字节,  08 是 8K 字节
10 是 10K 字节,12 是 12K 字节
RAM 是 512 字节,PCA/PWM 是 4 路
STC 1T 8051,同样的工作频率时,速度是普通 8051 的 8~12 倍
C: 5.5V~3.4V
LE :2.0V ~3.8V
LV:2.0V~3.8V,超低功耗设计,工作频率 2MHz 时:
   正常工作电流 < 2.7mA;
   空闲模式电流 < 1.3mA;
   掉电模式电流 < 0.1 μA
       STC12C5410AD 系列 单片机 命名规则



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com