Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # STC89LE53RC
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC89LE53RC Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button STC89LE53RC Datasheet HTML 46Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 47Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 48Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 49Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 50Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 51Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 52Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 53Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
50
【例 5 】  某应用系统需通过 P1.0 和 P1.1 分别输出周期为 200 μ s 和 400 μ s 的方波。为此,系统选用
定时器 / 计数器 0(T0),定时方式 3,主频为 6MHz,TP=2 μ s,经计算得定时常数为 9CH 和 38H。
本例程序段编制如下:
(1)初始化程序段
PLT0:MOV
TMOD,#03H
;设置 T0 定时方式 3
MOV
TL0 ,#9CH
     ;设置 TL0 初值
MOV
TH0 ,#38H
     ;设置 TH0 初值
SETB EA
;
SETB ET0
;
SETB ET1
;
SETB TR0
;启动
SETB TR1
;启动
}开中断
(2)中断服务程序段
1)
INT0P :
MOV
TL0 ,#9CH
    ;重新设置初值
CPL
P1.0
;对 P1.0 输出信号取反
RETI
; 返回
2)
INT1P
MOV
TH0 ,#38H
    ;重新设置初值
CPL
P1.1
;对 P1.1 输出信号取反
RETI
; 返回
;
POP
DPH
;
POP
DPL
;
POP
A
;
RETI
;返回
;
}中断处理主体程序
}现场出栈复原
这是中断服务程序的基本格式。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com