Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # STC89LE53RC
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC89LE53RC Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button STC89LE53RC Datasheet HTML 85Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 86Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 87Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 88Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 89Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 90Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 91Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 92Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 93Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
89
;    假定 fosc = 20MHz 时, 要求 PCA 高速脉冲输出 125KHz 的方波:
;        CCAPnL_Value = INT( 20000000/4/125000 + 0.5)
;                     = INT( 40 + 0.5)
;                     = INT( 40.5 )
;                     = 40
;                     = 28H
;    输出脉冲的频率 f  = 20000000/4/40
;                     = 125000 (125.0KHz)
;CCAPnL_Value  EQU 25H     ;25H = 37, fosc = 18.432MHz 时, 高速脉冲输出 = 124.540KHz
;CCAPnL_Value  EQU 28H     ;28H = 40, fosc = 20MHz 时, 高速脉冲输出 = 125KHz
CCAPnL_Value   EQU 42H     ;42H = 66, fosc = 33MHz 时, 高速脉冲输出 = 125KHz
;------------------------------------------------------------
    ORG 0000H
    AJMP  main
;------------------------------------------------------------
    ORG  0033H                  ;interrupt 6
PCA_interrupt:
    PUSH  ACC                   ;4 Clock
    PUSH  PSW                   ;4 Clock
    CLR   CCF1                  ;1 Clock, 清 PCA 模块 1 中断标志
    MOV   A, #CCAPnL_Value ;2 Clock
    ADD   A, CCAP1L             ;3 Clock
    MOV   CCAP1L, A             ;3 Clock
    CLR   A                     ;1 Clock
    ADDC  A, CCAP1H             ;3 Clock
    MOV   CCAP1H, A             ;3 Clock
    POP   PSW                   ;3 Clock
    POP   ACC                   ;3 Clock
    RETI                        ;4 Clock
;此中断服务程序共用 34 Clock, 进入中断服务程序还要数个 Clock
;------------------------------------------------------------
    ORG 0060H
main:
    MOV   SP, #0E0H             ;设置堆栈指针
    ACALL PCA_init              ;调用 PCA 初始化程序
main_loop:
    NOP
    NOP
    NOP
    SJMP  main_loop
;------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com