Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # STC89LE53RC
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC89LE53RC Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button STC89LE53RC Datasheet HTML 56Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 57Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 58Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 59Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 60Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 61Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 62Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 63Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
60
A/D 转换在 P1 口, P1.0 - P1.7 共八路
10K
10K
1/2 Vcc
2/3 Vcc
3/4 Vcc
Vcc
10K
10K
10K
4/5 Vcc
  A/D 转换典型应用线路,按键扫描
P2.2
1
28
P2.1
P2.3
2
27
P2.0/CEX2/PCA2/PWM2
RST
3
26
VDD
RxD/P3.0
4
25
P1.7/SCLK/ADC7
TxD/P3.1
5
24
P1.6/MISO/ADC6
XTAL2
6
23
P1.5/MOSI/ADC5
XTAL1
7
22
P1.4/SS/ADC4
INT0/P3.2
8
21
P1.3/ADC3
INT1/P3.3
9
20
P1.2/ADC2
ECI/T0/P3.4
10
19
P1.1/ADC1
PWM1/PCA1/CEX1/T1/P3.5
11
18
P1.0/ADC0
VSS
12
17
P3.7/CEX0/PCA0/PWM0
PWM3/PCA3/CEX3/P2.4
13
16
P2.7
P2.5
14
15
P2.6
47pF 以上



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com