Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 129 Page - List of Unclassifed Manufacturers

Part # STC89LE53RC
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC89LE53RC Datasheet(HTML) 129 Page - List of Unclassifed Manufacturers

Back Button STC89LE53RC Datasheet HTML 125Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 126Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 127Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 128Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 129Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 130Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 131Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 132Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 133Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
129
        MOV   TH0, #0C4H            ;重装数 = 65536-15360 = 50176 = C400H
                                    ;晶振频率 =18.432MHz 时, 每 10mS 中断 1 次
        INC   T0_10mS_count         ;10 毫秒计数(T0 中断次数) + 1
        MOV   A, #0C7H              ;0C8H = 199, 检测是否中断了 200 次(2 秒)
        CLR   C
        SUBB  A, T0_10mS_count
        JNC   timer0_Exit
        CPL   Slave1_SS             ;改变当前选择的从单片机
        CPL   Slave2_SS
        MOV   T0_10mS_count, #0     ;清 0 10 毫秒计数(T0 中断次数)
timer0_Exit:
        POP   ACC                   ;恢复断点现场
        POP   PSW
        RETI
else
timer0_Routine:                     ;本程序中从单片机不需要使用定时器 0
        RETI
endif
;------------------------------------------------------------------------------
ADC_SPI_Interrupt_Routine:          ;ADC_SPI 中断服务程序
    ;SPI 中断服务程序
    MOV   SPSTAT, #11000000B        ;0C0H, 清 0 标志位 SPIF 和 WCOL
                  ;特别注意:是向标志位 SPIF/WCOL 写 1,将 SPIF/WCOL  清成 0
                  ;特别注意:不是向标志位 SPIF/WCOL 写 0,将 SPIF/WCOL  清成 0
    MOV   A, SPDAT                  ;保存收到的数据
    MOV   SPI_buffer, A
    SETB  SPI_Receive               ;树立 SPI 端口收到数据标志
    RETI
;------------------------------------------------------------------------------
Initial_System:
    ACALL Initial_UART              ;初始化串口
    ACALL Initial_SPI               ;初始化 SPI
    SETB  TR0                       ;启动 T0
    SETB  ET0                       ;开 T0 中断
    MOV   Flags, #0                 ;清标志字
    SETB  EA                        ;开总中断
    RET
;------------------------------------------------------------------------------
Initial_UART:                       ;初始化串口
; SCON  Bit:   7       6     5     4     3     2     1    0
;            SM0/FE   SM1   SM2   REN   TB8   RB8    Tl   Rl
    MOV   SCON, #50H                ;0101,0000 8 位可变波特率, 无奇偶校验



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com