Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1015LEVB2 Datasheet(PDF) 6 Page - Qorvo, Inc

Part # QPD1015LEVB2
Description  65W, 50V, DC ??3.7 GHz, GaN RF Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1015LEVB2 Datasheet(HTML) 6 Page - Qorvo, Inc

Back Button QPD1015LEVB2 Datasheet HTML 2Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 3Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 4Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 5Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 6Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 7Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 8Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 9Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 10Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
QPD1015L
65W, 50V, DC – 3.7 GHz, GaN RF Transistor
Rev. C
- 6 of 27 -
Disclaimer: Subject to change without notice
© 2016 Qorvo
www.qorvo.com
Thermal and Reliability Information - CW
Parameter
Conditions
Values
Units
Thermal Resistance (θJC)
85 °C Case
10.5 W Pdiss, CW
3.56
°C/W
Maximum Channel Temperature (TCH)
122
°C
Median Lifetime (TM)
1.4E11
Hrs
Thermal Resistance (θJC)
85 °C Case
21 W Pdiss, CW
3.86
°C/W
Maximum Channel Temperature (TCH)
166
°C
Median Lifetime (TM)
1.1E9
Hrs
Thermal Resistance (θJC)
85 °C Case
31.5 W Pdiss, CW
4.28
°C/W
Maximum Channel Temperature (TCH)
220
°C
Median Lifetime (TM)
8.3E6
Hrs
Thermal Resistance (θJC)
85 °C Case
42 W Pdiss, CW
4.75
°C/W
Maximum Channel Temperature (TCH)
285
°C
Median Lifetime (TM)
7.8E4
Hrs
80
100
120
140
160
180
200
220
240
260
280
300
320
340
360
380
400
0.0
10.0
20.0
30.0
40.0
50.0
60.0
CW Dissipation Power, W
Maximum Channel Temperature vs. CW Dissipation Power
Package Base at 85
°C
CW
1E6 hours reliability temperature limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com