Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1015LEVB2 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # QPD1015LEVB2
Description  65W, 50V, DC ??3.7 GHz, GaN RF Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1015LEVB2 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button QPD1015LEVB2 Datasheet HTML 9Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 10Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 11Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 12Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 13Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 14Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 15Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 16Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 17Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
QPD1015L
65W, 50V, DC – 3.7 GHz, GaN RF Transistor
Rev. C
- 13 of 27 -
Disclaimer: Subject to change without notice
© 2016 Qorvo
www.qorvo.com
Typical Performance – Load-Pull Drive-up
Notes:
1.
Pulsed signal with 128 uS pulse width and 10 % duty cycle, Vd = 50 V, IDQ = 65mA
2.
See page 17 for load-pull and source-pull reference planes where the performance was measured.
37
38
39
40
41
42
43
44
45
46
47
48
49
10
11
12
13
14
15
16
17
18
19
20
Output Power [dBm]
QPD1015 - Gain and PAE vs. Output Power
3 GHz - Power Tuned
Zs-fo = 3.37-7.51iΩ
Ω
Ω
Ω
Zs-2fo = 8.15+10.7iΩ
Ω
Ω
Ω
Zs-3fo = 7.58+0.08iΩ
Ω
Ω
Ω
Zl-fo = 6.495-1.217iΩ
Ω
Ω
Ω
Zl-2fo = 5.51-6.89iΩ
Ω
Ω
Ω
Zl-3fo = NaNΩ
Ω
Ω
Ω
37
38
39
40
41
42
43
44
45
46
47
48
49
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
37
38
39
40
41
42
43
44
45
46
47
48
10
11
12
13
14
15
16
17
18
19
20
Output Power [dBm]
QPD1015 - Gain and PAE vs. Output Power
3 GHz - Efficiency Tuned
Zs-fo = 3.37-7.51iΩ
Ω
Ω
Ω
Zs-2fo = 8.15+10.7iΩ
Ω
Ω
Ω
Zs-3fo = 7.58+0.08iΩ
Ω
Ω
Ω
Zl-fo = 3.197+1.23iΩ
Ω
Ω
Ω
Zl-2fo = 5.51-6.89iΩ
Ω
Ω
Ω
Zl-3fo = NaNΩ
Ω
Ω
Ω
37
38
39
40
41
42
43
44
45
46
47
48
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
37
38
39
40
41
42
43
44
45
46
47
48
49
8
9
10
11
12
13
14
15
16
17
18
Output Power [dBm]
QPD1015 - Gain and PAE vs. Output Power
3.5 GHz - Power Tuned
Zs-fo = 5.7-13.68iΩ
Ω
Ω
Ω
Zs-2fo = 6.46-2.35iΩ
Ω
Ω
Ω
Zs-3fo = 20.91-4.52iΩ
Ω
Ω
Ω
Zl-fo = 9.371-5.058iΩ
Ω
Ω
Ω
Zl-2fo = 0.72+3.23iΩ
Ω
Ω
Ω
Zl-3fo = NaNΩ
Ω
Ω
Ω
37
38
39
40
41
42
43
44
45
46
47
48
49
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
37
38
39
40
41
42
43
44
45
46
47
48
8
9
10
11
12
13
14
15
16
17
18
Output Power [dBm]
QPD1015 - Gain and PAE vs. Output Power
3.5 GHz - Efficiency Tuned
Zs-fo = 5.7-13.68iΩ
Ω
Ω
Ω
Zs-2fo = 6.46-2.35iΩ
Ω
Ω
Ω
Zs-3fo = 20.91-4.52iΩ
Ω
Ω
Ω
Zl-fo = 6.126-1.75iΩ
Ω
Ω
Ω
Zl-2fo = 0.72+3.23iΩ
Ω
Ω
Ω
Zl-3fo = NaNΩ
Ω
Ω
Ω
37
38
39
40
41
42
43
44
45
46
47
48
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com