Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1015LEVB2 Datasheet(PDF) 22 Page - Qorvo, Inc

Part # QPD1015LEVB2
Description  65W, 50V, DC ??3.7 GHz, GaN RF Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1015LEVB2 Datasheet(HTML) 22 Page - Qorvo, Inc

Back Button QPD1015LEVB2 Datasheet HTML 18Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 19Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 20Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 21Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 22Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 23Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 24Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 25Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 26Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
QPD1015L
65W, 50V, DC – 3.7 GHz, GaN RF Transistor
Rev. C
- 22 of 27 -
Disclaimer: Subject to change without notice
© 2016 Qorvo
www.qorvo.com
0.96 – 1.215 GHz Application Circuit - Bill Of material
Ref Des
Value
Description
Manufacturer
Part Number
C8, 10
1 nF
X7R 100V 5% 0603 Capacitor
AVX
06031C102JAT2A
C17 - 18
100 nF
X7R 100V 5% 0805 Capacitor
AVX
08051C104JAT2A
C28 - 29
0.4 pF
RF NPO 250VDC ± 0.1 pF
Capacitor
ATC
ATC800A2R0BT250X
C23 – 24
1.0 pF
RF NPO 250VDC ± 0.1 pF
Capacitor
ATC
ATC800A2R4BT250X
C21
1.3 pF
RF NPO 250VDC ± 0.1 pF
Capacitor
ATC
ATC800A3R0BT250X
C25 – 26
2.7 pF
RF NPO 250VDC ± 0.1 pF
Capacitor
ATC
ATC800A6R2BT250X
C34
3.6 pF
RF NPO 250VDC ± 0.1 pF
Capacitor
ATC
ATC800A3R6BT250X
C35
11 pF
RF NPO 250VDC 1% Capacitor
ATC
ATC800A110FT250X
C30 – 31, 36 - 38
56 pF
RF NPO 250VDC 1% Capacitor
ATC
ATC800A560FT250X
C32 – 33
100 pF
RF NPO 250VDC 1% Capacitor
ATC
ATC800A101FT250X
C1
33 uF
SVP Capacitor
SANYO
63SXV33M
C2
10 uF
Tantalum Capacitor
AVX
TPSC106KR0500
J1 - 2
SMA Panel Mount 4-hole Jack
Gigalane
PSF-S00-000
L1
5.6 nH
0805 5% Inductor
COILCRAFT
0805CS-050XJE
R4, 6
1 Ohm
0603 Thick Film Resistor
ANY
R5
3.3 Ohm
0603 Thick Film Resistor
ANY
R14 – 15
5.1 Ohm
0603 Thick Film Resistor
ANY
R3
33 Ohm
0603 Thick Film Resistor
ANY
R21
24 Ohm
0805 Thick Film Resistor
Panasonic
ERJ-14YJ240
R17 – 18
4 Ohm
0805CS High Power Thick Film
Resistor
IMS
ND3-0805CS4R00J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com