Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1015LEVB2 Datasheet(PDF) 5 Page - Qorvo, Inc

Part # QPD1015LEVB2
Description  65W, 50V, DC ??3.7 GHz, GaN RF Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1015LEVB2 Datasheet(HTML) 5 Page - Qorvo, Inc

  QPD1015LEVB2 Datasheet HTML 1Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 2Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 3Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 4Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 5Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 6Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 7Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 8Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
QPD1015L
65W, 50V, DC – 3.7 GHz, GaN RF Transistor
Rev. C
- 5 of 27 -
Disclaimer: Subject to change without notice
© 2016 Qorvo
www.qorvo.com
Thermal and Reliability Information - Pulsed
Parameter
Conditions
Values
Units
Thermal Resistance (θJC)
85 °C Case
10.5 W Pdiss, 128 uS PW, 10% DC
2.00
°C/W
Peak Channel Temperature (TCH)
106
°C
Median Lifetime (TM)
1.1E13
Hrs
Thermal Resistance (θJC)
85 °C Case
21 W Pdiss, 128 uS PW, 10% DC
2.14
°C/W
Peak Channel Temperature (TCH)
130
°C
Median Lifetime (TM)
5.2E11
Hrs
Thermal Resistance (θJC)
85 °C Case
31.5 W Pdiss, 128 uS PW, 10% DC
2.22
°C/W
Peak Channel Temperature (TCH)
155
°C
Median Lifetime (TM)
3.2E10
Hrs
Thermal Resistance (θJC)
85 °C Case
42 W Pdiss, 128 uS PW, 10% DC
2.33
°C/W
Peak Channel Temperature (TCH)
183
°C
Median Lifetime (TM)
2.0E9
Hrs
Thermal Resistance (θJC)
85 °C Case
52.5 W Pdiss, 128 uS PW, 10% DC
2.46
°C/W
Peak Channel Temperature (TCH)
214
°C
Median Lifetime (TM)
1.4E8
Hrs
Thermal Resistance (θJC)
85 °C Case
63 W Pdiss, 128 uS PW, 10% DC
2.59
°C/W
Peak Channel Temperature (TCH)
248
°C
Median Lifetime (TM)
9.8E6
Hrs
80
100
120
140
160
180
200
220
240
260
280
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
Pulsed Dissipation Power, W
Peak Channel Temperature vs. Pulsed Dissipation Power
Package Base at 85
°C
128 uS, 10% Pulsed
1E6 hours reliability temperature limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com