Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1015LEVB2 Datasheet(PDF) 25 Page - Qorvo, Inc

Part # QPD1015LEVB2
Description  65W, 50V, DC ??3.7 GHz, GaN RF Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1015LEVB2 Datasheet(HTML) 25 Page - Qorvo, Inc

Back Button QPD1015LEVB2 Datasheet HTML 19Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 20Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 21Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 22Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 23Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 24Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 25Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 26Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 27Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
QPD1015L
65W, 50V, DC – 3.7 GHz, GaN RF Transistor
Rev. C
- 25 of 27 -
Disclaimer: Subject to change without notice
© 2016 Qorvo
www.qorvo.com
3.0 – 3.5 GHz Application Circuit - Bill Of material
Ref Des
Value
Description
Manufacturer
Part Number
C1, C9, C10
2.7 pF
RF NPO 250VDC ± 0.1 pF Capacitor
ATC
600S2R7AW250XT
C2
2.2 pF
RF NPO 250VDC ± 0.1 pF Capacitor
ATC
600S2R2AW250XT
C8, C6
100 pF
RF NPO 250VDC ± 0.1 pF Capacitor
Capax Tech.
0603G101J201S
C11
1.0 uF
16VDC 1206 Capacitor
TTI
C1206C105K4RACTU
C12
0.1 uF
100VDC 1206 Capacitor
TDK
C3216X7R2A104K160AA
C13
220 uF
63VDC Electrolytic Capacitor
Panasonic
EEVTG1J221Q
L1
10 nH
0603 RF Inductor
CoilCraft
0603CS-10NXJEW
L2
8 nH
RF Air-core Choke
CoilCraft
A03T
R1
10 Ohm
0603 Thick-film resistor
Vishay
CRCW060310R0JNTA
R8, R6
33 Ohm
0603 Thick-film resistor
Vishay
CRCW060333R2FKTA
R9
0 Ohm
0603 Thick-film resistor
TTI
CRCW06030000Z0EA
C3, C4, C5, C6,
C7, R3, R4, R5,
R6, R7
Not populated
J1 - 2
SMA Panel Mount 4-hole Jack
Gigalane
PSF-S00-000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com