Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1015LEVB2 Datasheet(PDF) 17 Page - Qorvo, Inc

Part # QPD1015LEVB2
Description  65W, 50V, DC ??3.7 GHz, GaN RF Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1015LEVB2 Datasheet(HTML) 17 Page - Qorvo, Inc

Back Button QPD1015LEVB2 Datasheet HTML 13Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 14Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 15Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 16Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 17Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 18Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 19Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 20Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 21Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
QPD1015L
65W, 50V, DC – 3.7 GHz, GaN RF Transistor
Rev. C
- 17 of 27 -
Disclaimer: Subject to change without notice
© 2016 Qorvo
www.qorvo.com
Typical Performance At 25 °C – 3.0 – 3.5 GHz EVB1
1.
Pulsed signals, Vd = 50 V, IDQ = 65mA
40
45
50
55
60
65
70
75
80
3
3.1
3.2
3.3
3.4
3.5
Frequency [GHz]
P3dB vs. Frequency At 25
°C
100 uS PW 10% DC
100 uS PW 20% DC
50
55
60
65
70
75
80
3
3.1
3.2
3.3
3.4
3.5
Frequency [GHz]
DEFF3dB vs. Frequency At 25
°C
100 uS PW 10% DC
100 uS PW 20% DC
8
9
10
11
12
13
14
15
16
17
18
3
3.1
3.2
3.3
3.4
3.5
Frequency [GHz]
G3dB vs. Frequency At 25
°C
100 uS PW 10% DC
100 uS PW 20% DC
20
25
30
35
40
45
50
55
60
65
3
3.1
3.2
3.3
3.4
3.5
Frequency [GHz]
Maximum Pdiss3dB vs. Frequency At 25
°C
100 uS PW 10% DC
100 uS PW 20% DC
10% Pulse Limit @ 85°C Base Temp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com