Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1015LEVB2 Datasheet(PDF) 8 Page - Qorvo, Inc

Part # QPD1015LEVB2
Description  65W, 50V, DC ??3.7 GHz, GaN RF Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1015LEVB2 Datasheet(HTML) 8 Page - Qorvo, Inc

Back Button QPD1015LEVB2 Datasheet HTML 4Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 5Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 6Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 7Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 8Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 9Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 10Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 11Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 12Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
QPD1015L
65W, 50V, DC – 3.7 GHz, GaN RF Transistor
Rev. C
- 8 of 27 -
Disclaimer: Subject to change without notice
© 2016 Qorvo
www.qorvo.com
Load-Pull Smith Charts1, 2, 3
Notes:
1. 50 V, 65 mA, Pulsed signal with 128 uS pulse width and 10 % duty cycle. Performance is at indicated input power.
2. See page 17 for load-pull and source-pull reference planes. 11.7-
Ω load-pull TRL fixtures are built with 32-mil RO4360G2
material.
3. NaN means the impedances are either undefined or varying in load-pull system.
1GHz, Load-pull
48.2
48
47.8
23.1
22.6
22.1
73.4
71.4
69.4
•••• Max Power is 48.4dBm
at Z = 13.148+7.146iΩ
Ω
Ω
Ω
Γ
Γ
Γ
Γ = 0.1302+0.2501i
•••• Max Gain is 39.6dB
at Z = 7.015+24.956iΩ
Ω
Ω
Ω
Γ
Γ
Γ
Γ = 0.5499+0.6001i
•••• Max PAE is 75.4%
at Z = 12.026+19.447iΩ
Ω
Ω
Ω
Γ
Γ
Γ
Γ = 0.4101+0.4835i
Zo = 11.7Ω
Ω
Ω
Ω
3dB Compression Referenced to Peak Gain
Zs(fo) = 3.87+3.24iΩ
Ω
Ω
Ω
Zs(2fo) = 19.63-29.53iΩ
Ω
Ω
Ω
Zs(3fo) = 1.87-0.01iΩ
Ω
Ω
Ω
Zl(2fo) = 5.92+15.23iΩ
Ω
Ω
Ω
Zl(3fo) = NaNΩ
Ω
Ω
Ω
Power
Gain
PAE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com