Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1015LEVB2 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # QPD1015LEVB2
Description  65W, 50V, DC ??3.7 GHz, GaN RF Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1015LEVB2 Datasheet(HTML) 3 Page - Qorvo, Inc

  QPD1015LEVB2 Datasheet HTML 1Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 2Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 3Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 4Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 5Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 6Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 7Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 8Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
QPD1015L
65W, 50V, DC – 3.7 GHz, GaN RF Transistor
Rev. C
- 3 of 27 -
Disclaimer: Subject to change without notice
© 2016 Qorvo
www.qorvo.com
Pulsed Characterization – Load-Pull Performance – Efficiency Tuned
Parameters
Typical Values
Unit
Frequency, F
1
2
3
3.5
GHz
Linear Gain, GLIN
26.0
21.5
16.6
15.8
dB
Output Power at 3dB
compression point, P3dB
45.6
46.9
47.1
47.8
dBm
Power-Added-Efficiency at 3dB
compression point, PAE3dB
75.4
74.1
69.0
59.4
%
Gain at 3dB compression point,
G3dB
23.0
18.5
13.6
12.8
dB
Notes:
1.
Test conditions unless otherwise noted: VD = +50 V, IDQ = 65 mA, Temp = +25 °C
Pulsed Characterization – Load-Pull Performance – Power Tuned
Parameters
Typical Values
Unit
Frequency, F
1
2
3
3.5
GHz
Linear Gain, GLIN
25.3
20.2
16.1
14.6
dB
Output Power at 3dB
compression point, P3dB
48.4
48.5
48.7
48.7
dBm
Power-Added-Efficiency at 3dB
compression point, PAE3dB
67.3
62.1
58.6
51.1
%
Gain at 3dB compression point
22.3
17.2
13.1
11.6
dB
Notes:
1.
Test conditions unless otherwise noted: VD = +50 V, IDQ = 65 mA, Temp = +25 °C
0.96 – 1.215 GHz EVB Performance1
Parameter
Min
Typ
Max
Units
Linear Gain, GLIN
16
18
–
dB
Output Power at 3dB compression point, P3dB
50
60
–
W
Drain Efficiency at 3dB compression point,
DEFF3dB
50
63.5
–
%
Gain at 3dB compression point, G3dB
13
15
–
dB
Notes:
1. F = 1.1 GHz, VD = +50 V, IDQ = 65 mA, Temp = +25 °C, Pulse Width = 128 uS, Duty Cycle = 10%
RF Characterization – Mismatch Ruggedness at 1.1 GHz
Symbol Parameter
dB Compression
Typical
VSWR
Impedance Mismatch Ruggedness
3
10:1
Test conditions unless otherwise noted: TA = 25 °C, VD = 50 V, IDQ = 65 mA
Input drive power is determined at pulsed 3dB compression under matched condition at EVB output connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com