Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1015LEVB2 Datasheet(PDF) 16 Page - Qorvo, Inc

Part # QPD1015LEVB2
Description  65W, 50V, DC ??3.7 GHz, GaN RF Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1015LEVB2 Datasheet(HTML) 16 Page - Qorvo, Inc

Back Button QPD1015LEVB2 Datasheet HTML 12Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 13Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 14Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 15Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 16Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 17Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 18Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 19Page - Qorvo, Inc QPD1015LEVB2 Datasheet HTML 20Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
QPD1015L
65W, 50V, DC – 3.7 GHz, GaN RF Transistor
Rev. C
- 16 of 27 -
Disclaimer: Subject to change without notice
© 2016 Qorvo
www.qorvo.com
Typical 2Tone Performance At 25 °C – 0.96 – 1.215 GHz EVB1
1.
Tone Spacing = 10 MHz, Center frequency = 1.09 GHz
-58
-53
-48
-43
-38
-33
-28
-23
-18
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
Output PEP [dBm]
IM Levels vs. Output PEP, Vd = 50 V, Idq = 65 mA, 25 °C
IM3 Low Side
IM3 High Side
IM5 Low Side
IM5 High Side
-68
-63
-58
-53
-48
-43
-38
-33
-28
-23
-18
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
Output PEP [dBm]
IM Levels vs. Output PEP, Vd = 50 V, Idq = 130 mA, 25 °C
IM3 Low Side
IM3 High Side
IM5 Low Side
IM5 High Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com