Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5321 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC5321
Description  High-Performance, Dual 150 mA 關Cap Ultra-Low Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5321 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC5321 Datasheet HTML 15Page - Microchip Technology MIC5321 Datasheet HTML 16Page - Microchip Technology MIC5321 Datasheet HTML 17Page - Microchip Technology MIC5321 Datasheet HTML 18Page - Microchip Technology MIC5321 Datasheet HTML 19Page - Microchip Technology MIC5321 Datasheet HTML 20Page - Microchip Technology MIC5321 Datasheet HTML 21Page - Microchip Technology MIC5321 Datasheet HTML 22Page - Microchip Technology MIC5321 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006678A-page 19
MIC5321
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Center Pad Width
Center Pad Length
Contact Pitch
Y2
X2
0.30
1.30
MILLIMETERS
0.50 BSC
MIN
E
MAX
Contact Pad Length (X6)
Contact Pad Width (X6)
Y1
X1
1.30
0.30
NOM
C0
7
.
1
g
n
i
c
a
p
S
d
a
P
t
c
a
t
n
o
C
Contact Pad to Contact Pad (X4)
G2
0.20
Thermal Via Diameter
V
0.30
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Contact Pad to Center Pad (X6)
G1
0.25
Microchip Technology Drawing C04-3015 Rev A
C
E
X1
Y1
Y2
X2
G2
G1
ØV
SILK SCREEN
1
2
N
6-Lead Very, Very Thin Dual Flat, No Lead Package (K3A) - 1.6x1.6x0.8 mm Body [WDFN]
With 1.26x0.5 mm Exposed Pad; Micrel Legacy Package Code DFN1616-6LD-PL-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com