Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5321 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC5321
Description  High-Performance, Dual 150 mA 關Cap Ultra-Low Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5321 Datasheet(HTML) 5 Page - Microchip Technology

  MIC5321 Datasheet HTML 1Page - Microchip Technology MIC5321 Datasheet HTML 2Page - Microchip Technology MIC5321 Datasheet HTML 3Page - Microchip Technology MIC5321 Datasheet HTML 4Page - Microchip Technology MIC5321 Datasheet HTML 5Page - Microchip Technology MIC5321 Datasheet HTML 6Page - Microchip Technology MIC5321 Datasheet HTML 7Page - Microchip Technology MIC5321 Datasheet HTML 8Page - Microchip Technology MIC5321 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006678A-page 5
MIC5321
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Power Supply Rejection
Ratio.
FIGURE 2-2:
Dropout Voltage vs. Output
Current.
FIGURE 2-3:
Output Voltage vs.
Temperature.
FIGURE 2-4:
Ground Current vs.
Temperature.
FIGURE 2-5:
Ground Current vs.
Temperature.
FIGURE 2-6:
Output Voltage vs. Input
Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
1
FREQUENCY (kHz)
0.1
10
100
1,000
VIN = VOUT +1V
VOUT = 2.8V
COUT = 1μF
CBYP = 0.1μF
50mA
150mA
0
5
10
15
20
25
30
35
40
0
25
50
75
100 125 150
OUTPUT CURRENT (mA)
VOUT = 2.8V
COUT = 1μF
VIN = VOUT + 1V
EN = VIN
2.50
2.55
2.60
2.65
2.70
2.85
2.90
2.95
3.00
20 40 60 80
TEMPERATURE (°C)
2.75
2.80
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1μF
EN = VIN
120
125
130
140
145
150
155
160
20 40 60 80
TEMPERATURE (°C)
100μA
VIN = VOUT + 1V
VOUT = 3V
COUT = 1μF
EN = VIN
135
120
125
130
145
150
155
160
20 40 60 80
TEMPERATURE (°C)
150mA
VIN = VOUT + 1V
VOUT = 3V
COUT = 1μF
EN = VIN
135
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
01
23456
INPUT VOLTAGE (V)
2.8V
1.5V
2.5
IOUT = 100μA
COUT = 1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com