Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5321 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC5321
Description  High-Performance, Dual 150 mA 關Cap Ultra-Low Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5321 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC5321 Datasheet HTML 6Page - Microchip Technology MIC5321 Datasheet HTML 7Page - Microchip Technology MIC5321 Datasheet HTML 8Page - Microchip Technology MIC5321 Datasheet HTML 9Page - Microchip Technology MIC5321 Datasheet HTML 10Page - Microchip Technology MIC5321 Datasheet HTML 11Page - Microchip Technology MIC5321 Datasheet HTML 12Page - Microchip Technology MIC5321 Datasheet HTML 13Page - Microchip Technology MIC5321 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MIC5321
DS20006678A-page 10
2022 Microchip Technology Inc. and its subsidiaries
Substituting PD for PD(MAX) and solving for the ambient
operating temperature will give the maximum operating
conditions
for
the
regulator
circuit.
The
junction-to-ambient thermal resistance for the
minimum footprint is 100°C/W.
The maximum power dissipation must not be exceeded
for proper operation.
For example, when operating the MIC5321-MFYMT at
an input voltage of 3.3V and 150 mA loads at each
output with a minimum footprint layout, the maximum
ambient operating temperature TA can be determined
as follows:
EQUATION 4-4:
Therefore, a 2.8V/1.5V application with 150 mA at each
output current can accept an ambient operating
temperature of 90.5°C in a 1.6 mm x 1.6 mm UDFN
package. For a full discussion of heat sinking and
thermal effects on voltage regulators, refer to the
“Regulator Thermals” section of Microchip’s Designing
with Low-Dropout Voltage Regulators handbook.
0.345W
125C TA
–
100C/W
=
TA
90.5C
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com