Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5321 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC5321
Description  High-Performance, Dual 150 mA 關Cap Ultra-Low Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5321 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC5321 Datasheet HTML 9Page - Microchip Technology MIC5321 Datasheet HTML 10Page - Microchip Technology MIC5321 Datasheet HTML 11Page - Microchip Technology MIC5321 Datasheet HTML 12Page - Microchip Technology MIC5321 Datasheet HTML 13Page - Microchip Technology MIC5321 Datasheet HTML 14Page - Microchip Technology MIC5321 Datasheet HTML 15Page - Microchip Technology MIC5321 Datasheet HTML 16Page - Microchip Technology MIC5321 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006678A-page 13
MIC5321
MIC5321-KDYD6***
QBKD
2.6V/1.85V
6-Lead TSOT-23
MIC5321-KGYD6***
QBKG
2.6V/1.8V
6-Lead TSOT-23
MIC5321-LLYD6
QBLL
2.7V/2.7V
6-Lead TSOT-23
MIC5321-MFYD6
QBMF
2.8V/1.5V
6-Lead TSOT-23
MIC5321-MGYD6
QBMG
2.8V/1.8V
6-Lead TSOT-23
MIC5321-MKYD6
QBMK
2.8V/2.6V
6-Lead TSOT-23
MIC5321-MMYD6
QBMM
2.8V/2.8V
6-Lead TSOT-23
MIC5321-NDYD6***
QBND
2.85V/1.85V
6-Lead TSOT-23
MIC5321-NKYD6***
QBNK
2.85V/2.6V
6-Lead TSOT-23
MIC5321-NNYD6***
QBNN
2.85V/2.85V
6-Lead TSOT-23
MIC5321-OFYD6***
QBOF
2.9V/1.5V
6-Lead TSOT-23
MIC5321-OGYD6***
QBOG
2.9V/1.8V
6-Lead TSOT-23
MIC5321-OOYD6***
QBOO
2.9V/2.9V
6-Lead TSOT-23
MIC5321-PGYD6
QBPG
3.0V/1.8V
6-Lead TSOT-23
MIC5321-PJYD6***
QBPJ
3.0V/2.5V
6-Lead TSOT-23
MIC5321-PKYD6***
QBPK
3.0V/2.6V
6-Lead TSOT-23
MIC5321-PMYD6***
QBPM
3.0V/2.8V
6-Lead TSOT-23
MIC5321-PNYD6***
QBPN
3.0V/2.85V
6-Lead TSOT-23
MIC5321-PPYD6
QBPP
3.0V/3.0V
6-Lead TSOT-23
MIC5321-SFYD6***
QBSF
3.3V/1.5V
6-Lead TSOT-23
MIC5321-SGYD6***
QBSG
3.3V/1.8V
6-Lead TSOT-23
MIC5321-SJYD6
QBSJ
3.3V/2.5V
6-Lead TSOT-23
MIC5321-SKYD6***
QBSK
3.3V/2.6V
6-Lead TSOT-23
MIC5321-SLYD6***
QBSL
3.3V/2.7V
6-Lead TSOT-23
MIC5321-SMYD6***
QBSM
3.3V/2.8V
6-Lead TSOT-23
MIC5321-SNYD6***
QBSN
3.3V/2.85V
6-Lead TSOT-23
MIC5321-SOYD6***
QBSO
3.3V/2.9V
6-Lead TSOT-23
MIC5321-SPYD6***
QBSP
3.3V/3.0V
6-Lead TSOT-23
MIC5321-SRYD6***
QBSR
3.3V/3.2V
6-Lead TSOT-23
MIC5321-SSYD6
QBSS
3.3V/3.3V
6-Lead TSOT-23
TABLE 5-1:
MIC5321 PACKAGE MARKING CODES (CONTINUED)
Part Number
Marking
Voltage
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com