Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5321 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC5321
Description  High-Performance, Dual 150 mA 關Cap Ultra-Low Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5321 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC5321 Datasheet HTML 2Page - Microchip Technology MIC5321 Datasheet HTML 3Page - Microchip Technology MIC5321 Datasheet HTML 4Page - Microchip Technology MIC5321 Datasheet HTML 5Page - Microchip Technology MIC5321 Datasheet HTML 6Page - Microchip Technology MIC5321 Datasheet HTML 7Page - Microchip Technology MIC5321 Datasheet HTML 8Page - Microchip Technology MIC5321 Datasheet HTML 9Page - Microchip Technology MIC5321 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MIC5321
DS20006678A-page 6
2022 Microchip Technology Inc. and its subsidiaries
FIGURE 2-7:
Dropout Voltage vs.
Temperature.
FIGURE 2-8:
Output Voltage vs. Output
Current.
FIGURE 2-9:
Output Voltage vs. Output
Current.
FIGURE 2-10:
Ground Current vs. Output
Current.
FIGURE 2-11:
Current Limit vs. Input
Voltage.
FIGURE 2-12:
Output Noise Spectral
Density.
35
40
45
50
20 40 60 80
TEMPERATURE (°C)
100μA
10mA
50mA
100mA
150mA
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1μF
5
10
15
20
25
30
0
2.70
2.75
2.80
2.85
2.90
0
25
50
75
100 125 150
OUTPUT CURRENT (mA)
VIN = VOUT + 1V
VOUT = 2.8V
COUT1 = COUT2 = 1μF
EN = VIN
1.40
1.45
1.50
1.55
1.60
0
25
50
75
100 125 150
OUTPUT CURRENT (mA)
VIN = VOUT + 1V
VOUT = 1.5V
COUT1 = COUT2 = 1μF
EN = VIN
138
142
146
150
154
158
162
0
25
50
75
100 125 150
OUTPUT CURRENT (mA)
VIN = VOUT + 1V
VOUT = 2.85V
EN = VIN
COUT1 = COUT2 = 1μF
510
520
530
540
550
560
570
580
590
600
610
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
EN = VIN
COUT = 1μF
0.001
0.01
0.1
1
10
1
FREQUENCY (kHz)
0.1
0.01
10
100 1,000 10,000
VIN = 3.8V
VOUT = 2.8V
COUT = 1μF
CBYP = 0.01μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com