Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5321 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC5321
Description  High-Performance, Dual 150 mA 關Cap Ultra-Low Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5321 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC5321 Datasheet HTML 7Page - Microchip Technology MIC5321 Datasheet HTML 8Page - Microchip Technology MIC5321 Datasheet HTML 9Page - Microchip Technology MIC5321 Datasheet HTML 10Page - Microchip Technology MIC5321 Datasheet HTML 11Page - Microchip Technology MIC5321 Datasheet HTML 12Page - Microchip Technology MIC5321 Datasheet HTML 13Page - Microchip Technology MIC5321 Datasheet HTML 14Page - Microchip Technology MIC5321 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006678A-page 11
MIC5321
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Note:
MIC5321 has many voltage options and corresponding marking codes. The full list of them appear in
Table 5-1 on the next page.
Note:
If the full seven-character YYWWNNN code cannot fit on the package, the following truncated codes are
used based on the available marking space:
6 Characters = YWWNNN; 5 Characters = WWNNN; 4 Characters = WNNN; 3 Characters = NNN;
2 Characters = NN; 1 Character = N
XXX
Example
6-Lead UDFN*
XXXX
Example
6-Lead TSOT-23*
(Front)
NNN
XXX
Example
6-Lead WDFN*
Example
6-Lead TSOT-23*
(Back)
T1K
QBGF
BGW
BSS
Legend: XX...X Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note: In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com