Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5321 Datasheet(PDF) 23 Page - Microchip Technology

Part # MIC5321
Description  High-Performance, Dual 150 mA 關Cap Ultra-Low Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5321 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MIC5321 Datasheet HTML 18Page - Microchip Technology MIC5321 Datasheet HTML 19Page - Microchip Technology MIC5321 Datasheet HTML 20Page - Microchip Technology MIC5321 Datasheet HTML 21Page - Microchip Technology MIC5321 Datasheet HTML 22Page - Microchip Technology MIC5321 Datasheet HTML 23Page - Microchip Technology MIC5321 Datasheet HTML 24Page - Microchip Technology MIC5321 Datasheet HTML 25Page - Microchip Technology MIC5321 Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006678A-page 23
MIC5321
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC5321-GGYMT-TR:
MIC5321, 1.8V/1.8V Output
Voltages, –40°C to +125°C
Temp. Range, 6-Lead UDFN,
5,000/Reel
b) MIC5321-KGYD6-TR:
MIC5321, 2.6V/1.8V Output
Voltages, –40°C to +125°C
Temp. Range, 6-Lead TSOT-
23, 3,000/Reel
c) MIC5321-MMYML-TR:
MIC5321, 2.8V/2.8V Output
Voltages, –40°C to +125°C
Temp. Range, 6-Lead WDFN,
5,000/Reel
d) MIC5321-OFYMT-TR:
MIC5321, 2.9V/1.5V Output
Voltages, –40°C to +125°C
Temp. Range, 6-Lead UDFN,
5,000/Reel
e) MIC5321-SKYD6-TR:
MIC5321, 3.3V/2.6V Output
Voltages, –40°C to +125°C
Temp. Range, 6-Lead TSOT-
23, 3,000/Reel
f) MIC5321-PPYML-TR:
MIC5321, 3.0V/3.0V Output
Voltages, –40°C to +125°C
Temp. Range, 6-Lead WDFN,
5,000/Reel
Device:
MIC5321:
High-Performance, Dual 150 mA µCap
Ultra-Low Dropout Regulator
Output Voltages:
GF =
1.8V/1.5V (UDFN & TSOT options only)
GG =
1.8V/1.8V (UDFN & TSOT options only)
GW =
1.8V/1.6V (UDFN & TSOT options only)
JG =
2.5V/1.8V (UDFN & TSOT options only)
JJ
=
2.5V/2.5V (UDFN & TSOT options only)
KD =
2.6V/1.85V (UDFN & TSOT options only)
KG =
2.6V/1.8V (UDFN & TSOT options only)
LL =
2.7V/2.7V (UDFN & TSOT options only)
MF =
2.8V/1.5V (All package options)
MG =
2.8V/1.8V (All package options)
MK =
2.8V/2.6V (UDFN & TSOT options only)
MM =
2.8V/2.8V (All package options)
ND =
2.85V/1.85V (UDFN & TSOT options only)
NK =
2.85V/2.6V (UDFN & TSOT options only)
NN =
2.85V/2.85V (UDFN & TSOT options only)
OF =
2.9V/1.5V (UDFN & TSOT options only)
OG =
2.9V/1.8V (UDFN & TSOT options only)
OO =
2.9V/2.9V (UDFN & TSOT options only)
PG =
3.0V/1.8V (UDFN & TSOT options only)
PJ =
3.0V/2.5V (UDFN & TSOT options only)
PK =
3.0V/2.6V (UDFN & TSOT options only)
PM =
3.0V/2.8V (UDFN & TSOT options only)
PN =
3.0V/2.85V (UDFN & TSOT options only)
PP =
3.0V/3.0V (All package options)
SF =
3.3V/1.5V (UDFN & TSOT options only)
SG =
3.3V/1.8V (UDFN & TSOT options only)
SJ =
3.3V/2.5V (UDFN & TSOT options only)
SK =
3.3V/2.6V (UDFN & TSOT options only)
SL =
3.3V/2.7V (UDFN & TSOT options only)
SM =
3.3V/2.8V (UDFN & TSOT options only)
SN =
3.3V/2.85V (UDFN & TSOT options only)
SO =
3.3V/2.9V (UDFN & TSOT options only)
SP =
3.3V/3.0V (UDFN & TSOT options only)
SR =
3.3V/3.2V (UDFN & TSOT options only)
SS =
3.3V/3.3V (UDFN & TSOT options only)
Temperature
Range:
Y
=
–40°C to +125°C
Package:
D6 =
6-Lead Thin SOT-23
ML =
6-Lead 1.6 mm x 1.6 mm WDFN
MT =
6-Lead 1.6 mm x 1.6 mm UDFN
Media Type:
TR =
3,000/Reel (TSOT-23 option only)
TR =
5,000/Reel (UDFN & WDFN options only)
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the Tape
and Reel option.
Part Number
-XX
X
XX
-XX
Device
Output
Voltages
Temp.
Range
Package
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com