Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5321 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC5321
Description  High-Performance, Dual 150 mA 關Cap Ultra-Low Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5321 Datasheet(HTML) 1 Page - Microchip Technology

  MIC5321 Datasheet HTML 1Page - Microchip Technology MIC5321 Datasheet HTML 2Page - Microchip Technology MIC5321 Datasheet HTML 3Page - Microchip Technology MIC5321 Datasheet HTML 4Page - Microchip Technology MIC5321 Datasheet HTML 5Page - Microchip Technology MIC5321 Datasheet HTML 6Page - Microchip Technology MIC5321 Datasheet HTML 7Page - Microchip Technology MIC5321 Datasheet HTML 8Page - Microchip Technology MIC5321 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006678A-page 1
MIC5321
Features
• 2.3V to 5.5V Input Voltage Range
• Ultra-Low Dropout Voltage 35 mV @ 150 mA
• Tiny 6-Pin 1.6 mm x 1.6 mm Thin UDFN Leadless
Package
• Low Cost 6-Lead TSOT-23 Package
• Bypass Pin for Improved Noise Performance
• High PSRR: >75 dB on Each LDO
• Ultra-Low Noise Output: >30 µVRMS
• Dual 150 mA Outputs
• µCap Stable with 1 µF Ceramic Capacitor
• Low Quiescent Current: 150 µA
• Fast Turn-On Time: 45 µs
• Thermal Shutdown Protection
• Current Limit Protection
Applications
• Mobile Phones
• PDAs
• GPS Receivers
• Portable Electronics
• Portable Media Players
• Digital Still and Video Cameras
General Description
The MIC5321 is a tiny, dual ultra-low dropout linear
regulator ideally suited for applications that require high
PSRR because it provides a bypass pin for those noise
sensitive portable electronics. The MIC5321 integrates
two high-performance 150 mA ULDOs into a very
compact 1.6 mm x 1.6 mm leadless UDFN package
that
provides
exceptional
thermal
package
characteristics.
The MIC5321 is a µCap design that enables operation
with very small ceramic output capacitors for stability,
thereby reducing required board space and component
cost. The combination of extremely low dropout
voltage, very high power supply rejection, very low
output noise, and exceptional thermal package
characteristics makes it ideal for powering RF
application, cellular phone camera modules, imaging
sensors for digital still cameras, PDAs, MP3 players
and WebCam applications.
The MIC5321 is available in fixed-output voltages in the
tiny 6-pin 1.6 mm x 1.6 mm leadless UDFN package,
which is only 2.56 mm2 in area, less than 30% the area
of the SOT-23 and TSOP 3x3 packages. It’s also
available in the thin SOT-23 6-lead package and the
standard size 6-pin 1.6 mm x 1.6 mm leadless WDFN
package. Additional voltage options are available. For
more information, contact Microchip.
Package Types
MIC5321
6-Pin 1.6 mm x 1.6 mm UDFN (MT)/WDFN (ML)
(Top View)
MIC5321
6-Lead SOT-23 (D6)
(Top View)
1
VIN
GND
BYP
6
VOUT1
VOUT2
EN
5
4
2
3
VIN
GND
VOUT1
EN
BYP
3
1
6
2
45
VOUT2
High-Performance, Dual 150 mA µCap
Ultra-Low Dropout Regulator


Similar Part No. - MIC5321

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
Dual, High Performance 150mA UCap ULDO
MIC5321 MICREL-MIC5321 Datasheet
345Kb / 12P
Dual, High Performance 150mA 關Cap ULDO?
MIC5321-1.8/1.5YD6 MICREL-MIC5321-1.8/1.5YD6 Datasheet
428Kb / 12P
Dual, High Performance 150mA UCap ULDO
MIC5321-1.8/1.5YD6 MICREL-MIC5321-1.8/1.5YD6 Datasheet
345Kb / 12P
Dual, High Performance 150mA 關Cap ULDO?
MIC5321-1.8/1.5YMT MICREL-MIC5321-1.8/1.5YMT Datasheet
428Kb / 12P
Dual, High Performance 150mA UCap ULDO
More results

Similar Description - MIC5321

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
150mA 關Cap Ultra-Low Dropout LDO Regulator
logo
ON Semiconductor
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
445Kb / 6P
150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NVTFS5820NL ONSEMI-NVTFS5820NL Datasheet
445Kb / 6P
150 mA, Ultra Low Supply Current, Low Dropout Regulator
July, 2011 ??Rev. 1
NCP4682 ONSEMI-NCP4682 Datasheet
445Kb / 22P
150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
NCP4682 ONSEMI-NCP4682_12 Datasheet
380Kb / 22P
150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
150 mA Low Dropout Regulator
09/14/21
MIC5376 MICROCHIP-MIC5376 Datasheet
2Mb / 24P
High Performance Low Dropout 150 mA LDO
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com