Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5321 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC5321
Description  High-Performance, Dual 150 mA 關Cap Ultra-Low Dropout Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5321 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC5321 Datasheet HTML 8Page - Microchip Technology MIC5321 Datasheet HTML 9Page - Microchip Technology MIC5321 Datasheet HTML 10Page - Microchip Technology MIC5321 Datasheet HTML 11Page - Microchip Technology MIC5321 Datasheet HTML 12Page - Microchip Technology MIC5321 Datasheet HTML 13Page - Microchip Technology MIC5321 Datasheet HTML 14Page - Microchip Technology MIC5321 Datasheet HTML 15Page - Microchip Technology MIC5321 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MIC5321
DS20006678A-page 12
2022 Microchip Technology Inc. and its subsidiaries
TABLE 5-1:
MIC5321 PACKAGE MARKING CODES
Part Number
Marking
Voltage
Package
MIC5321-GFYMT
BGF
1.8V/1.5V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-GGYMT
BGG
1.8V/1.8V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-GWYMT
BGW
1.8V/1.6V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-JGYMT
BJG
2.5V/1.8V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-JJYMT
BJJ
2.5V/2.5V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-KDYMT
BKD
2.6V/1.85V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-KGYMT
BKG
2.6V/1.8V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-LLYMT
BLL
2.7V/2.7V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-MFYMT
BMF
2.8V/1.5V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-MGYMT
BMG
2.8V/1.8V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-MKYMT
BMK
2.8V/2.6V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-MMYMT
BMM
2.8V/2.8V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-NDYMT
BND
2.85V/1.85V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-NKYMT
BNK
2.85V/2.6V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-NNYMT
BNN
2.85V/2.85V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-OFYMT
BOF
2.9V/1.5V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-OGYMT
BOG
2.9V/1.8V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-OOYMT
BOO
2.9V/2.9V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-PGYMT
BPG
3.0V/1.8V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-PJYMT
BPJ
3.0V/2.5V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-PKYMT
BPK
3.0V/2.6V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-PMYMT
BPM
3.0V/2.8V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-PNYMT
BPN
3.0V/2.85V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-PPYMT
BPP
3.0V/3.0V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-SFYMT
BSF
3.3V/1.5V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-SGYMT
BSG
3.3V/1.8V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-SJYMT
BSJ
3.3V/2.5V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-SKYMT
BSK
3.3V/2.6V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-SLYMT***
BSL
3.3V/2.7V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-SMYMT
BSM
3.3V/2.8V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-SNYMT
BSN
3.3V/2.85V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-SOYMT
BSO
3.3V/2.9V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-SPYMT
BSP
3.3V/3.0V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-SRYMT
BSR
3.3V/3.2V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-SSYMT
BSS
3.3V/3.3V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-MFYML
BMF
2.8V/1.5V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-MGYML
BMG
2.8V/1.8V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-MMYML
BMM
2.8V/2.8V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-PPYML
BPP
3.0V/3.0V
6-Lead 1.6 mm x 1.6 mm UDFN
MIC5321-GFYD6
QBGF
1.8V/1.5V
6-Lead 1.6 mm x 1.6 mm WDFN
MIC5321-GGYD6
QBGG
1.8V/1.8V
6-Lead 1.6 mm x 1.6 mm WDFN
MIC5321-GWYD6***
QBGW
1.8V/1.6V
6-Lead 1.6 mm x 1.6 mm WDFN
MIC5321-JGYD6***
QBJG
2.5V/1.8V
6-Lead 1.6 mm x 1.6 mm WDFN
MIC5321-JJYD6***
QBJJ
2.5V/2.5V
6-Lead 1.6 mm x 1.6 mm WDFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com