Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6711
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 10Page - STMicroelectronics L6711 Datasheet HTML 11Page - STMicroelectronics L6711 Datasheet HTML 12Page - STMicroelectronics L6711 Datasheet HTML 13Page - STMicroelectronics L6711 Datasheet HTML 14Page - STMicroelectronics L6711 Datasheet HTML 15Page - STMicroelectronics L6711 Datasheet HTML 16Page - STMicroelectronics L6711 Datasheet HTML 17Page - STMicroelectronics L6711 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
L6711
14/38
Figure 6. Current Reading Connections selectable through CS_SEL pin.
5.1
LOW SIDE Current Reading
Leaving CS_SEL pin OPEN, the current flowing trough each phase is read using the voltage drop across
the low side mosfets RdsON or across a sense resistor in its series and it is internally converted into a cur-
rent. The transconductance ratio is issued by the external resistor Rg placed outside the chip between
CSx- and CSx+ pins toward the reading points (see Figure 7 right). The proprietary current sense circuit
tracks the current information for a time TTRACK = TSW/3 (TSW = 1/FSW) centered in the middle of the low-
side mosfet conduction time (OFF Time, see Figure 7 left) and holds the tracked information during the
rest of the period.
This device sources a constant 50
µA current from the CSx+ pin: the current reading circuitry uses this pin
as a reference and the reaction keeps the CSx- pin to this voltage during the reading time (an internal
clamp keeps CSx+ and CSx- at the same voltage sinking from the CSx- pin the necessary current during
the hold time; this is needed when LS mosfet RdsON sense is implemented to avoid absolute maximum
rating overcome on CSx- pin). The current that flows from the CSx- pin is then given by the following equa-
tion (See Figure 7 - right):
where
RdsON is the on resistance of the low side mosfet and Rg is the transconductance resistor used between
CSx- and CSx+ pins toward the reading points; IPHASEx is the current carried by the relative phase and
IINFOx is the current information signal reproduced internally.
50
µA offset allows negative current reading, enabling the device to check for dangerous returning current
between the phases assuring the complete current equalization. From the current information of each
phase, information about the total current delivered (IDROOP = IINFO1 + IINFO2 + IINFO3) and the average
current for each phase (IAVG = (IINFO1 + IINFO2 + IINFO3)/3 ) is taken. IINFOX is then compared to IAVG to give
the correction to the PWMx output in order to equalize the current carried by the three phases.
Figure 7. Current reading across LS mosfet: timing (left) and circuit (right) for each phase.
CSx-
CSx+
LGATEx
Rg
Rg
IPHASE
CS_SEL
L
RL
Rg(RC)
Cg
Rg
CSx+
CSx-
PHASEx
OUT
IPHASE
CS_SEL
Rg(a)
LS Mosfet Current Sense
Inductor Current Sense
I
CSx-
50
µA
R
ds ON
R
g
------------------ I
PHASEx
⋅
+
50
µAI
INFO x
+
==
I
INFOx
R
dsON
R
g
------------------ I
PHASEx
⋅
=
IPHASEx
ILSx
IINFOx
TTRACK
TSW
CSx+
CSx-
LGATEx
IPHASEx
50
µA
ICSx-
Rg
Rg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com