Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6711
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 16Page - STMicroelectronics L6711 Datasheet HTML 17Page - STMicroelectronics L6711 Datasheet HTML 18Page - STMicroelectronics L6711 Datasheet HTML 19Page - STMicroelectronics L6711 Datasheet HTML 20Page - STMicroelectronics L6711 Datasheet HTML 21Page - STMicroelectronics L6711 Datasheet HTML 22Page - STMicroelectronics L6711 Datasheet HTML 23Page - STMicroelectronics L6711 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
L6711
20/38
obtaining the following relationship:
where RSENSE is the sensing element resistance value (at TMOS = 25ºC), B is the constant obtainable from
Figure 13, kT is the Temperature Coupling Coefficient between the sensing element and the Controller (it
results KT = (TJ-25)/(TMOS-25)) and
α is the Temperature Coefficient of the sensing element. Since RTC
depends from the constant B depending in turn from RTC, an iterative process is required to properly de-
sign the RTC value.
As a consequence of the nature of the thermal sensor, a negative offset is needed to compensate the na-
tive offset introduced by the ITS at a referenced temperature Tref and it is obtainable by connecting a
ROFFSET resistor between the OFFSET pin and SGND as follow:
To disable this function, short the pin to SGND.
Figure 13. Integrated Thermal Sensor Constant vs. External resistor RTC
9
DYNAMIC VID TRANSITION
The device is able to manage Dynamic VID Code changes that allow Output Voltage modification during
normal device operation.
OVP and UVP signals are masked during every VID transition and they are re-activated after the transition
finishes.
When changing dynamically the regulated voltage (D-VID), the system needs to charge or discharge the
output capacitor accordingly. This means that an extra-current ID-VID needs to be delivered, especially
when increasing the output regulated voltage and it must be considered when setting the over current
threshold. This current result:
where dVOUT is the selected DAC LSB (12.5mV for VRD10.x or 25mV for Hammer DAC) and TVID is the
time interval between each LSB transition.
R
FB
R
SENSE α
T
MOS
25
–
()
⋅⋅
Rg
-------------------------------------------------------------------- I
OUT
R
FB
R
TC
----------- BT
J
25
–
()
⋅⋅
+
⋅⋅
–
0
=
R
TC
Rg
R
SENSE
----------------------
Bk
T
⋅
α I
OUT
⋅
---------------------
⋅
=
I
OFFSET
I
TC Tref
()
–
AB
T
ref
25
–
()
⋅
+
R
TC
----------------------------------------------
==
450
475
500
525
550
575
600
625
650
0
102030
40 50 60708090 100
1.50
1.60
1.70
1.80
1.90
2.00
0
10 20 30405060 70 80 90 100
A [mV] vs. RTC [K
Ω]
B [mV/°C] vs. RTC [K
Ω]
I
DVID
–
C
OUT dVOUT
⋅
dT
VID
---------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com