Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6711
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 27Page - STMicroelectronics L6711 Datasheet HTML 28Page - STMicroelectronics L6711 Datasheet HTML 29Page - STMicroelectronics L6711 Datasheet HTML 30Page - STMicroelectronics L6711 Datasheet HTML 31Page - STMicroelectronics L6711 Datasheet HTML 32Page - STMicroelectronics L6711 Datasheet HTML 33Page - STMicroelectronics L6711 Datasheet HTML 34Page - STMicroelectronics L6711 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
31/38
L6711
Figure 23. Equivalent Control Loop Gain Block Diagram (left) and Bode Diagram (right)
Compensation network can be simply designed placing
ωZ=ωLC and imposing the cross-over frequency
ωT as desired obtaining:
18 LAYOUT GUIDELINES
Since the device manages control functions and high-current drivers, layout is one of the most important
things to consider when designing such high current applications.
A good layout solution can generate a benefit in lowering power dissipation on the power paths, reducing
radiation and a proper connection between signal and power ground can optimize the performance of the
control loops.
Integrated power drivers reduce components count and interconnections between control functions and
drivers, reducing the board space.
Here below are listed the main points to focus on when starting a new layout and rules are suggested for
a correct implementation.
18.1 Power Connections.
These are the connections where switching and continuous current flows from the input supply towards
the load. The first priority when placing components has to be reserved to this power section, minimizing
the length of each connection and loop as much as possible. To minimize noise and voltage spikes (EMI
and losses) these interconnections must be a part of a power plane and anyway realized by wide and thick
copper traces: loop must be anyway minimized. The critical components, i.e. the power transistors, must
be located as close as possible one to the other.
Figure 24 shows the details of the power connections involved and the current loops. The input capaci-
tance (CIN), or at least a portion of the total capacitance needed, has to be placed close to the power sec-
tion in order to eliminate the stray inductance generated by the copper traces. Low ESR and ESL
Rout
Cout
ESR
L/3
RFB
RF
CF
REF
PWM
IFB
VCOMP
VOUT
d
•VIN
ZF
dB
ω
ωT
ωZ
ωLC
GLOOP
ZF(s)
K
dB
FB
OSC
IN
R
∆V
V
K
⎥
⎦
⎤
⎢
⎣
⎡
⋅
⋅
=
1
5
4
R
F
R
FB
V
OSC
∆
⋅
V
IN
----------------------------------
5
4
---
ω
T
L
3R
DROOP
ESR
+
()
⋅
--------------------------------------------------------
⋅⋅
⋅
=
C
F
Co
L
3
---
⋅
R
F
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com