Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6711
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 20Page - STMicroelectronics L6711 Datasheet HTML 21Page - STMicroelectronics L6711 Datasheet HTML 22Page - STMicroelectronics L6711 Datasheet HTML 23Page - STMicroelectronics L6711 Datasheet HTML 24Page - STMicroelectronics L6711 Datasheet HTML 25Page - STMicroelectronics L6711 Datasheet HTML 26Page - STMicroelectronics L6711 Datasheet HTML 27Page - STMicroelectronics L6711 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
L6711
24/38
device turn-on threshold and the PreOVP turn on threshold and depends also on the OUTEN pin status
as detailed in Figure 17 - left.
A simple way to provide protection to the output in all conditions when the device is OFF (then avoiding
the unprotected red region in Figure 17) consists in supplying the controller through the 5VSB bus as
shown in Figure 17 - right.
Both Over Voltage and Under Voltage are active also during soft start (see the relevant section).
Figure 17. Output Voltage Protections and typical principle connections to assure complete
protection.
13 OVERCURRENT PROTECTION
Depending on the current reading method selected, the device limits the peak or the bottom of the inductor
current entering in constant current until setting UVP as below explained.
The Over Current threshold has to be programmed, by designing the Rg resistors, to a safe value, in order
to be sure that the device doesn't enter OCP during normal operation of the device. This value must take
into consideration also the extra current needed during the Dynamic VID Transition ID-VID and, since the
device reads across mosfets RdsON or inductor DCR, the process spread and temperature variations of
these sensing elements.
Moreover, since also the internal threshold spreads, the Rg design must consider its minimum value
IOCTH(min) as follow:
where IOCPx is the current measured by the current reading circuitry when the device enters Quasi Con-
stant Current (LS Mosfet Sense) or Constant Current (Inductor Sense), IOCPx must be calculated starting
from the corresponding output current value IOUT(OCP) as follow (ID-VID must also be considered when
D-VID are implemented):
where IOUT(OCP) is still the output current value at which the device enters Quasi Constant Current (LS
Mosfet Sense) or Constant Current (Inductor Sense),
∆IPP is the inductor current ripple in each phase and
ID-VID is the additional current required by D-VID (when applicable). In particular, since the device limits
the peak or the valley of the inductor current (according to CS_SEL status), the ripple entity, when not
negligible, impacts on the real OC threshold value and must be considered.
Vcc
PreOVP TurnON
Vcc TurnON
Preliminary OVP Enabled
FBR Monitored
No Protection
Provided
(OUTEN = 1)
Programmable OVP
VSEN Monitored
(OUTEN = 0)
Preliminary OVP
FBR Monitored
VCC
VCCDR1
VCCDR2
VCCDR3
+12V
+5V
SB
Rg
I
OCPx max
() RSENSE max
()
⋅
I
OCTH min
()
-----------------------------------------------------------------------
=
I
OCPx =
I
OUT OCP
()
3
----------------------------
I
pp
∆
2
-----------
I
D-VID
3
--------------- Low Side Mosfet Sense
+
–
I
OUT OCP
()
3
----------------------------
I
pp
∆
2
-----------
I
D-VID
3
--------------- Inductor DCR Sense
++
⎩
⎪
⎪
⎨
⎪
⎪
⎧



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com