Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6711
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 21Page - STMicroelectronics L6711 Datasheet HTML 22Page - STMicroelectronics L6711 Datasheet HTML 23Page - STMicroelectronics L6711 Datasheet HTML 24Page - STMicroelectronics L6711 Datasheet HTML 25Page - STMicroelectronics L6711 Datasheet HTML 26Page - STMicroelectronics L6711 Datasheet HTML 27Page - STMicroelectronics L6711 Datasheet HTML 28Page - STMicroelectronics L6711 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
25/38
L6711
13.1 LS MOSFET SENSE (CS_SEL=OPEN) OVERCURRENT
The device detects an Over Current condition for each phase when the current information IINFOx over-
comes the fixed threshold of IOCTH (35
µA Typ). When this happens, the device keeps the relative LS mos-
fet on, skipping clock cycles, until the threshold is crossed back and IINFOx results being lower than the
IOCTH threshold. This implies that the device limits the bottom of each inductor current ripple.
After exiting the OC condition, the LS mosfet is turned off and the HS is turned on with a duty cycle driven
by the PWM comparator.
Keeping the LS on, skipping clock cycles, causes the on-time subsequent to the exit from the OC condition
to increase. Considering now that the device, with this kind of current sense, has maximum on-time de-
pendence with the delivered current given by the following relationship:
Where IOUT is the output current (IOUT =
Σ·IPHASEx) and TSW is the switching period (TSW =1/FSW).
This linear dependence has a value at zero load of 0.80 ·TSW and at maximum current of 0.40 ·TSW typical
and results in two different over current behaviors of the device:
13.2 TON Limited Output Voltage.
This happens when the maximum ON time is reached before that the current in each phase reaches IOCPx
(IINFOx<IOCTH). Figure 18 shows the maximum output voltage that the device is able to regulate consider-
ing the TON limitation imposed by the previous relationship. If the desired output characteristic crosses the
TON limited maximum output voltage, the output resulting voltage will start to drop after the crossing.
In this case, the device doesn't perform constant current limitation but only limits the maximum ON time
following the previous relationship. The output voltage starts to decrease follows the resulting character-
istic (dotted in Figure 18) until UVP is detected or anyway until IDROOP =105
µA.
Figure 18. TON Limited Operation
13.2.1Constant Current Operation
This happens when the on-time limitation is reached after the valley current in each phase reaches IOCPx
(IINFOx > IOCTH).
The device enters in Quasi-Constant-Current operation: the low-side mosfets stays ON until the current
read becomes lower than IOCPx (IINFOx < IOCTH) skipping clock cycles. The high side mosfet can be then
turned ON with a TON imposed by the control loop after the LS turn-off and the device works in the usual
way until another OCP event is detected.
This means that the average current delivered can slightly increase in Quasi-Constant-Current operation
T
ON,MAX
0.80
I
DROOP
–
3.8k
⋅
() T
SW
0.80
R
SEN SE
Rg
---------------------- I
OU T
3.8 k
⋅⋅
–
⎝⎠
⎛⎞
T
SW =
0.80 T
SW
I
DROOP
0
µA
=
⋅
0.40 T
SW
I
DROOP
105
µA
=
⋅
⎩
⎪
⎨
⎪
⎧
⋅
=
⋅
=
0.80·VIN
0.40·VIN
VOUT
IOUT
IOCP=3·IOCPx
(IDROOP=105
µA)
TON Limited Output
characteristic
0.80·VIN
0.40·VIN
VOUT
IOUT
IOCP=3·IOCPx
(IDROOP=105
µA)
Desired Output
characteristic and
UVP threshold
Resulting Output
characteristic
Maximum output Voltage
b) TON Limited Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com