Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6711
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 24Page - STMicroelectronics L6711 Datasheet HTML 25Page - STMicroelectronics L6711 Datasheet HTML 26Page - STMicroelectronics L6711 Datasheet HTML 27Page - STMicroelectronics L6711 Datasheet HTML 28Page - STMicroelectronics L6711 Datasheet HTML 29Page - STMicroelectronics L6711 Datasheet HTML 30Page - STMicroelectronics L6711 Datasheet HTML 31Page - STMicroelectronics L6711 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
L6711
28/38
15 DRIVER SECTION
The integrated high-current drivers allow using different types of power MOS (also multiple MOS to reduce
the equivalent RdsON), maintaining fast switching transition.
The drivers for the high-side mosfets use BOOTx pins for supply and PHASEx pins for return. The drivers
for the low-side mosfets use VCCDRx pin for supply and PGNDx pin for return. A minimum voltage of 4.6V
at VCCDRx pin is required to start operations of the device. VCCDRx pins must be connected together.
The controller embodies a sophisticated anti-shoot-through system to minimize low side body diode con-
duction time maintaining good efficiency saving the use of Schottky diodes: when the high-side mosfet
turns off, the voltage on its source begins to fall; when the voltage reaches 2V, the low-side mosfet gate
drive is suddenly applied. When the low-side mosfet turns off, the voltage at LGATEx pin is sensed. When
it drops below 1V, the high-side mosfet gate drive is suddenly applied.
If the current flowing in the inductor is negative, the source of high-side mosfet will never drop. To allow
the turning on of the low-side mosfet even in this case, a watchdog controller is enabled: if the source of
the high-side mosfet doesn't drop for more than 240ns, the low side mosfet is switched on so allowing the
negative current of the inductor to recirculate. This mechanism allows the system to regulate even if the
current is negative.
The BOOTx and VCCDRx pins are separated from IC's power supply (VCC pin) as well as signal ground
(SGND pin) and power ground (PGNDx pin) in order to maximize the switching noise immunity. The sepa-
rated supply for the different drivers gives high flexibility in mosfet choice, allowing the use of logic-level mos-
fet. Several combination of supply can be chosen to optimize performance and efficiency of the application.
Power conversion input is also flexible; 5V, 12V bus or any bus that allows the conversion (See maximum
duty cycle limitations) can be chosen freely.
16 POWER DISSIPATION
Two main terms contribute in the device power dissipation: bias power and drivers' power. The first one de-
pends on the static consumption of the device through the supply pins and it is simply quantifiable as follow:
PDC = VCC · (ICC + 3 · ICCDRx + 3 · IBOOTx)
Drivers' power is the power needed by the driver to continuously switch on and off the external mosfets;
it is a function of the switching frequency and total gate charge of the selected mosfets. It can be quantified
considering that the total power PSW dissipated to switch the mosfets (easy calculable) is dissipated by
three main factors: external gate resistance (when present), intrinsic mosfet resistance and intrinsic driver
resistance. This last term is the important one to be determined to calculate the device power dissipation.
The total power dissipated to switch the mosfets results:
PSW = 3 · (QG_HS · VBOOT + QG_LS · VCCDR) · FSW
External gate resistors helps the device to dissipate the switching power since the same power PSW will
be shared between the internal driver impedance and the external resistor resulting in a general cooling
of the device.It is important to determine the device dissipated power in order to avoid the junction working
beyond its maximum operative temperature. Moreover, since the device has an exposed pad to better dis-
sipate the power, also the thermal resistance between junction and ambient is important.
Figure 16 shows the Switching Power for different kind of mosfets driven.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com