Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6711
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 19Page - STMicroelectronics L6711 Datasheet HTML 20Page - STMicroelectronics L6711 Datasheet HTML 21Page - STMicroelectronics L6711 Datasheet HTML 22Page - STMicroelectronics L6711 Datasheet HTML 23Page - STMicroelectronics L6711 Datasheet HTML 24Page - STMicroelectronics L6711 Datasheet HTML 25Page - STMicroelectronics L6711 Datasheet HTML 26Page - STMicroelectronics L6711 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
23/38
L6711
11 SOFT START
During soft start, a ramp is generated increasing the loop reference from 0V to the final value programmed
by VID in 2048 clock periods as shown in
Figure 16. Once the soft start begins, the reference is increased: upper and lower MOS begin to switch
and the output voltage starts to increase with closed loop regulation. At the end of the digital soft start, the
SS_END signal is then driven high.
The Under Voltage comparator is enabled when the reference voltage reaches 0.6V while Over Voltage
Comparator is always enabled during soft start with a threshold equal to the 115% of the programmed ref-
erence or the threshold programmed by ROVP (see relevant section).
Figure 16. Soft Start
12 OUTPUT VOLTAGE MONITOR AND PROTECTIONS
The device monitors through pin VSEN the regulated voltage in order to manage the OVP / UVP condi-
tions.
12.1 UVP Protection
If the output voltage monitored by VSEN drops below the 60% of the reference voltage for more than one
clock period, the device turns off all mosfets and the OSC/FAULT is driven high (5V). The condition is
latched; to recover it is required to cycle Vcc or the OUTEN pin.
12.2 Programmable OVP Protection
Once VCC crosses the turn-ON threshold and the device is enabled (OUTEN = 1), the device provides a
programmable Over Voltage protection; when the voltage sensed overcomes the programmed threshold,
the controller permanently switches on all the low-side mosfets and switches off all the high-side mosfets
in order to protect the load. The OSC/ FAULT pin is driven high (5V) and power supply or OUTEN pin cy-
cling is required to restart operations.
The OVP threshold is programmed through the OVP pin: leaving the pin floating, it is internally pulled-up
and the threshold is set at 115% (Typ.) of the programmed output voltage. Connecting the OVP pin to
SGND through a resistor ROVP, the OVP threshold becomes a fixed voltage as follow:
OVPTH = 1.455 · ROVP · 12.5
µ
12.3 Preliminary OVP Protection (Pre-OVP)
While VCC pin is under the turn-ON threshold, a preliminary-OVP protection turns on the low side mosfets
as long as the FBR pin voltage is greater than 1.8V. This protection is enabled when VCC stays within the
VCC=VCCDR
VLGATEx
SS_END
VOUT
t
t
t
t
Turn ON threshold
2048 Clock Cycles
(CH1=VOUT; CH2=LGATEx; CH3=SS_END)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com