Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6711
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 11Page - STMicroelectronics L6711 Datasheet HTML 12Page - STMicroelectronics L6711 Datasheet HTML 13Page - STMicroelectronics L6711 Datasheet HTML 14Page - STMicroelectronics L6711 Datasheet HTML 15Page - STMicroelectronics L6711 Datasheet HTML 16Page - STMicroelectronics L6711 Datasheet HTML 17Page - STMicroelectronics L6711 Datasheet HTML 18Page - STMicroelectronics L6711 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
15/38
L6711
5.2
INDUCTOR CURRENT READING
Shorting CS_SEL pin to SGND, the current flowing trough each phase is read using the voltage drop
across the output inductor or across a sense resistor (RSENSE) in its series and internally converted into a
current. The transconductance ratio is issued by the external resistor Rg placed outside the chip between
CSx- and CSx+ pins toward the reading points (see Figure 6 right).
The current sense circuit always tracks the current sensed and still sources a constant 50
µA current from
the CSx+ pin: this pin is used as a reference keeping the CSx- pin to this voltage. To correctly reproduce
the inductor current an R-C filtering network must be introduced in parallel to the sensing element.
The current that flows from the CSx- pin is then given by the following equation (See Figure 8):
Where IPHASEx is the current carried by the relative phase.
Considering now to match the time constant between the inductor and the R-C filter applied (Time con-
stant mismatches cause the introduction of poles into the current reading network causing instability.
Moreover, it is also important for the load transient response and to let the system show resistive equiva-
lent output impedance), it results:
where
Where IINFOx is the current information reproduced internally.
50
µA offset allows negative current reading, enabling the device to check for dangerous returning current
between the phases assuring the complete current equalization. From the current information of each
phase, information about the total current delivered (IDROOP = IINFO1 +IINFO2 + IINFO3) and the average cur-
rent for each phase (IAVG = (IINFO1 + IINFO2 + IINFO3)/3) is taken. IINFOX is then compared to IAVG to give the
correction to the PWM output in order to equalize the current carried by the three phases.
Since Rg is designed considering the OC protection, to allow further flexibility in the system design, the
resistor in series to CSx+ can be split in two resistors as shown in Figure 8.
Figure 8. Inductor Current Sense
I
CSx-
50
µA
R
L
R
g
-------
1s
L
R
L
-------
⋅
+
1s R
gRC
() Cg
⋅⋅
+
------------------------------------------------
⎝⎠
⎜⎟
⎜⎟
⎜⎟
⎛⎞
I
PHASEx
⋅⋅
+
=
L
R
L
-------
R
gRC
() Cg ICSx-
≥
⋅
50
µA
R
L
Rg
-------- I
PHASEx
⋅
+
50
µAI
INFO x
+
==
=
I
INFOx
I
PHASEx
R
L
Rg
--------
⋅
=
L
RL
Rg(RC)
Cg
Rg
CSx+
CSx-
PHASEx
OUT
IPHASE
CS_SEL
Rg(a)
50
µA
ICSx-
Design Equations:
R
gRC
()
L
R
L Cg
⋅
-------------------
=
R
gRC
()
R
ga
()
+
Rg
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com