Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6711
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 17Page - STMicroelectronics L6711 Datasheet HTML 18Page - STMicroelectronics L6711 Datasheet HTML 19Page - STMicroelectronics L6711 Datasheet HTML 20Page - STMicroelectronics L6711 Datasheet HTML 21Page - STMicroelectronics L6711 Datasheet HTML 22Page - STMicroelectronics L6711 Datasheet HTML 23Page - STMicroelectronics L6711 Datasheet HTML 24Page - STMicroelectronics L6711 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21/38
L6711
Overcoming the OC threshold during the dynamic VID causes the device to enter the constant current lim-
itation slowing down the output voltage dV/dt also causing the failure in the D-VID test.
The way in which the device modifies the reference depends on the VID_SEL status and then on the kind
of DAC selected.
9.1
VID_SEL = OPEN (see Figure 14).
Selecting the VRD10.x DAC, the device checks for VID code modifications on the rising edge of a clock
that is three times the switching frequency of each phase and waits for a confirmation on the following
falling edge. Once the new code is stable, on the next rising edge, the reference starts stepping up or down
in LSB increments (12.5mV) every clock cycle (still 3·FSW) until the new VID code is reached. During the
transition, VID code changes are ignored; the device re-starts monitoring VID after the transition has fin-
ished on the next rising edge available.
9.1.1 Warning:
if the new VID code is more than 1 LSB higher than the previous, the device will execute the transition
stepping the reference with a frequency equal to 3·FSW until the new code has reached: for this reason it
is recommended to carefully control the VID change rate in order to carefully control the slope of the output
voltage variation.
Figure 14. Dynamic VID Transition, VRD10.x DAC
Tsw/3
x 4 Step VID Transition
VRD10.x DAC
t
t
t
VID [0,5]
Int. Reference
Vout
Tsw
4 x 1 Step VID Transition - VRD10.x DAC
TVID
t
VID Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com