Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2434...ALX Datasheet(PDF) 123 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 123 Page - Texas Instruments

Back Button XAM2434...ALX Datasheet HTML 119Page - Texas Instruments XAM2434...ALX Datasheet HTML 120Page - Texas Instruments XAM2434...ALX Datasheet HTML 121Page - Texas Instruments XAM2434...ALX Datasheet HTML 122Page - Texas Instruments XAM2434...ALX Datasheet HTML 123Page - Texas Instruments XAM2434...ALX Datasheet HTML 124Page - Texas Instruments XAM2434...ALX Datasheet HTML 125Page - Texas Instruments XAM2434...ALX Datasheet HTML 126Page - Texas Instruments XAM2434...ALX Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 280 page
background image
7.7.2 Fail-Safe Reset (FS RESET) Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Input Low Voltage
0.3 ×
VDDS_OSC
V
VILSS
Input Low Voltage Steady State
0.3 ×
VDDS_OSC
V
VIH
Input High Voltage
0.7 ×
VDDS_OSC
V
VIHSS
Input High Voltage Steady State
0.7 ×
VDDS_OSC
V
VHYS
Input Hysteresis Voltage
200
mV
IIN
Input Leakage Current.
VI = 1.8 V
or
VI = 0 V
±10
µA
SRI (2)
Input Slew Rate
18f(1)
or
1.8E+6
V/s
(1)
f = toggle frequency of the input signal in Hz.
(2)
This MIN parameter only applies to input signal functions which are not defined in their respective Timing and Switching
Characteristics sections. Select the MIN parameter which results in the largest value.
7.7.3 High-Frequency Oscillator (HFOSC) Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Input Low Voltage
0.35 ×
VDDS_OSC
V
VIH
Input High Voltage
0.65 ×
VDDS_OSC
V
VHYS
Input Hysteresis Voltage
49
mV
IIN
Input Leakage Current.
VI = 1.8 V
or
VI = 0.0 V
±10
µA
7.7.4 eMMCPHY Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Input Low Voltage
0.35 ×
VDDS_MMC0
V
VILSS
Input Low Voltage Steady State
0.20
V
VIH
Input High Voltage
0.65 ×
VDDS_MMC0
V
VIHSS
Input High Voltage Steady State
1.4
V
IIN
Input Leakage Current.
VI = 1.8 V or 0 V
±10
µA
RPU
Pull-up Resistor
15
20
25
kΩ
RPD
Pull-down Resistor
15
20
25
kΩ
VOL
Output Low Voltage
IOL = 2 mA
0.30
V
VOH
Output High Voltage
IOH = -2 mA
VDDS_MMC0
- 0.30
V
SRI
Input Slew Rate
5E+8
V/s
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
123
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com