Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2434...ALX Datasheet(PDF) 124 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 124 Page - Texas Instruments

Back Button XAM2434...ALX Datasheet HTML 120Page - Texas Instruments XAM2434...ALX Datasheet HTML 121Page - Texas Instruments XAM2434...ALX Datasheet HTML 122Page - Texas Instruments XAM2434...ALX Datasheet HTML 123Page - Texas Instruments XAM2434...ALX Datasheet HTML 124Page - Texas Instruments XAM2434...ALX Datasheet HTML 125Page - Texas Instruments XAM2434...ALX Datasheet HTML 126Page - Texas Instruments XAM2434...ALX Datasheet HTML 127Page - Texas Instruments XAM2434...ALX Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 280 page
background image
7.7.5 SDIO Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1.8 V MODE
VIL
Input Low Voltage
0.58
V
VILSS
Input Low Voltage Steady State
0.58
V
VIH
Input High Voltage
1.27
V
VIHSS
Input High Voltage Steady State
1.7
V
VHYS
Input Hysteresis Voltage
150
mV
IIN
Input Leakage Current.
VI = 1.8 V
or
VI = 0 V
±10
µA
RPU
Pull-up Resistor
40
50
60
kΩ
RPD
Pull-down Resistor
40
50
60
kΩ
VOL
Output Low Voltage
0.45
V
VOH
Output High Voltage
VDDSHV5 -
0.45
V
IOL (1)
Low Level Output Current
VOL(MAX)
4
mA
IOH (1)
High Level Output Current
VOH(MIN)
4
mA
SRI (3)
Input Slew Rate
18f(2)
or
1.8E+6
V/s
3.3 V MODE
VIL
Input Low Voltage
0.25 ×
VDDSHV5
V
VILSS
Input Low Voltage Steady State
0.15 ×
VDDSHV5
V
VIH
Input High Voltage
0.625 ×
VDDSHV5
V
VIHSS
Input High Voltage Steady State
0.625 ×
VDDSHV5
V
VHYS
Input Hysteresis Voltage
150
mV
IIN
Input Leakage Current.
VI = 3.3 V
or
VI = 0 V
±10
µA
RPU
Pull-up Resistor
40
50
60
kΩ
RPD
Pull-down Resistor
40
50
60
kΩ
VOL
Output Low Voltage
0.125 ×
VDDSHV5
V
VOH
Output High Voltage
0.75 ×
VDDSHV5
V
IOL (1)
Low Level Output Current
VOL(MAX)
6
mA
IOH (1)
High Level Output Current
VOH(MIN)
10
mA
SRI (3)
Input Slew Rate
33f(2)
or
3.3E+6
V/s
(1)
The IOL and IOH parameters define the minimum Low Level Output Current and High Level Output Current for which the device is
able to maintain the specified VOL and VOH values. Values defined by these parameters should be considered the maximum current
available to a system implementation which needs to maintain the specified VOL and VOH values for attached components.
(2)
f = toggle frequency of the input signal in Hz.
(3)
This MIN parameter only applies to input signal functions which are not defined in their respective Timing and Switching
Characteristics sections. Select the MIN parameter which results in the largest value.
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
124
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com