Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2434...ALX Datasheet(PDF) 128 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 128 Page - Texas Instruments

Back Button XAM2434...ALX Datasheet HTML 124Page - Texas Instruments XAM2434...ALX Datasheet HTML 125Page - Texas Instruments XAM2434...ALX Datasheet HTML 126Page - Texas Instruments XAM2434...ALX Datasheet HTML 127Page - Texas Instruments XAM2434...ALX Datasheet HTML 128Page - Texas Instruments XAM2434...ALX Datasheet HTML 129Page - Texas Instruments XAM2434...ALX Datasheet HTML 130Page - Texas Instruments XAM2434...ALX Datasheet HTML 131Page - Texas Instruments XAM2434...ALX Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 280 page
background image
7.8 VPP Specifications for One-Time Programmable (OTP) eFuses
This section specifies the operating conditions required for programming the OTP eFuses..
7.8.1 Recommended Operating Conditions for OTP eFuse Programming
over operating junction temperature range (unless otherwise noted)
PARAMETER
DESCRIPTION
MIN
NOM
MAX
UNIT
VDD_CORE
Supply voltage range for the core domain during OTP
operation; OPP NOM (BOOT)
See Recommended Operating
Conditions
V
VPP
Supply voltage range for the eFuse ROM domain during
normal operation without hardware support to program eFuse
ROM
NC(1)
V
Supply voltage range for the eFuse ROM domain during
normal operation with hardware support to program eFuse
ROM
0
V
Supply voltage range for the eFuse ROM domain during OTP
programming(2)
1.71
1.8
1.89
V
I(VPP)
VPP current
400
mA
SR(VPP)
VPP Slew Rate
6E+4
V/s
TJ
Operating junction temperature range while programming
eFuse ROM.
0
25
85
°C
(1)
NC stands for No Connect.
(2)
Supply voltage range includes DC errors and peak-to-peak noise.
7.8.2 Hardware Requirements
The following hardware requirements must be met when programming keys in the OTP eFuses:
• The VPP power supply must be disabled when not programming OTP registers.
• The VPP power supply must be ramped up after the proper device power-up sequence (for more details, see
Section 7.10.2, Power Supply Sequencing).
7.8.3 Programming Sequence
Programming sequence for OTP eFuses:
• Power on the board per the power-up sequencing. No voltage should be applied on the VPP terminal during
power up and normal operation.
• Load the OTP write software required to program the eFuse (contact your local TI representative for the OTP
software package).
• Apply the voltage on the VPP terminal according to the specification in Section 7.8.1.
• Run the software that programs the OTP registers.
• After validating the content of the OTP registers, remove the voltage from the VPP terminal.
7.8.4 Impact to Your Hardware Warranty
You accept that e-Fusing the TI Devices with security keys permanently alters them. You acknowledge that
the e-Fuse can fail, for example, due to incorrect or aborted program sequence or if you omit a sequence
step. Further the TI Device may fail to secure boot if the error code correction check fails for the Production
Keys or if the image is not signed and optionally encrypted with the current active Production Keys. These
types of situations will render the TI Device inoperable and TI will be unable to confirm whether the TI Devices
conformed to their specifications prior to the attempted e-Fuse. CONSEQUENTLY, TI WILL HAVE NO LIABILITY
(WARRANTY OR OTHERWISE) FOR ANY TI DEVICES THAT HAVE BEEN e-FUSED WITH SECURITY KEYS.
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
128
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com