Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7HA00S0-R0 Datasheet(PDF) 47 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7HA00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7HA00S0-R0 Datasheet(HTML) 47 Page - Murata Manufacturing Co., Ltd

Back Button SFECF10M7HA00S0-R0 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
4.5-6.5MHz Chip Type TPSKA Series
SMD ceramic trap TPSKA_B is a small and thin SMD trap
sealed with a metal cap recommended for LCD-TVs, and
small and thin tuners.
c Features
1. High attenuation and high performance group
delay time
2. Small and thin package
3. Reflow-solderable
(1) : Input
(2) : Ground
(3) : Output
7.9±0.2
3.0±0.1
8.5±0.2
3.8±0.2
1.8±0.2
0.5±0.1
0.6±0.2
1.0±0.1
1.3±0.2
2.5±0.2 2.5±0.2
0.3±0.1
1.3±0.2
(1)
(2)
(3)
(in mm)
Part Number
Nominal Center Frequency (fn1)
(MHz)
Attenuation (at fn1)
(dB)
30dB Attenuation BW (fn1)
(kHz)
TPSKA4M50B00-R3
4.500
35 min.
50 min.
TPSKA5M50B00-R3
5.500
35 min.
70 min.
TPSKA6M00B00-R3
6.000
35 min.
70 min.
TPSKA6M50B00-R3
6.500
35 min.
70 min.
For safety purposes, connect the output of filters to the IF amplifier through a D.C. blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in the package page.
1.0
1.0
1.5
1.5
1.0
(in mm)
c Standard Land Pattern Dimensions
RF
Voltmeter
Rg
R1
L
S.S.G.
Rg=50
Ω
R1=330
Ω
R2=1.0k
Ω
L=15μH
50
Ω
R2
c Test Circuit
Frequency (MHz)
4.0
4.2
4.1
4.3
4.5
4.7
4.9
4.4
4.6
4.8
5.0
0
10
20
30
40
50
60
70
c Frequency Characteristics
TPSKA4M50B00-R3
Frequency (MHz)
5.0
5.2
5.1
5.3
5.5
5.7
5.9
5.4
5.6
5.8
6.0
0
10
20
30
40
50
60
70
TPSKA5M50B00-R3
Continued on the following page.
45
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
14
CERAFIL
r (Ceramic Trap) for Audio/Visual Equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com