Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7HA00S0-R0 Datasheet(PDF) 73 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7HA00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7HA00S0-R0 Datasheet(HTML) 73 Page - Murata Manufacturing Co., Ltd

Back Button SFECF10M7HA00S0-R0 Datasheet HTML 69Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 72Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 73Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 74Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 75Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 76Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 77Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 73 / 77 page
background image
Packaging
Continued from the preceding page.
(in mm)
21.5±1.0
17.5±0.5
Empty
240 to 280 min.
400 to 560
160 to 190
Components
Empty
Trailer
Leader
Cover film
2.2±0.5
ø13.0±0.2
Dimensions of Reel
User direction of feed
Chip filter
Cover film
Peeling strength
(0.1 to 0.7N)
+0.1
–0.0
ø1.5
2.0±0.1 4.0±0.1
4.3±0.1
(3°)
10° max.
8.0±0.1
Dimensions of Carrier Tape
+0.1
–0.0
ø1.5
c CERAFILr 4.5-6.5MHz Chip Type SFSKA Series
(in mm)
17.5±1.5
13.5±1.0
Empty
240 to 280
400 to 560
160 to 190
Components
Empty
Trailer
Leader
Cover Film
2.2±0.2
ø13.0±0.2
Label
Dimensions of Reel
Dimensions of Carrier Tape
∗
∗
∗
∗
1.6±0.1
8.0±0.1
4.2±0.1
Cover Film
+0.1
–0.0
ø1.5
2.0±0.1
4.0±0.1
c CERAFILr 2.3-5.7MHz Chip Type SFSKB Series
Dimensions of Carrier Tape
User direction of feed
12.0±0.1
4.0±0.1
2.0±0.1
5.3±0.1
ø1.5
7.4±0.1
+0.1
-0
Cover film
(in mm)
Dimensions of Reel
Label
ø13.0±0.2
2.2±0.5
21.5±1.0
240 to 280
400 to 560
160 to 190
17.5±0.5
Empty
Components
Cover film
Empty
Trailer
Leader
c CERAFILr 455kHz Chip Type SFPKA Series
Continued on the following page.
71
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com