Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7HA00S0-R0 Datasheet(PDF) 17 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7HA00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7HA00S0-R0 Datasheet(HTML) 17 Page - Murata Manufacturing Co., Ltd

Back Button SFECF10M7HA00S0-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 77 page
background image
CODE
D
B
A
C
E
Z
M
30kHz Step
10.64MHz±30kHz
10.67MHz±30kHz
10.70MHz±30kHz
10.73MHz±30kHz
10.76MHz±30kHz
25kHz Step
10.650MHz±25kHz
10.675MHz±25kHz
10.700MHz±25kHz
10.725MHz±25kHz
10.750MHz±25kHz
Color Code
Black
Blue
Red
Orange
White
Combination A, B, C, D, E
Combination A, B, C
c Standard Center Frequency Rank Code
(1)
(2)
(3)
C
S.S.G
RF
Rg
R1
R2
Rg + R1 = R2 = Input and Output Impedance
C = 10pF (Including stray capacitance and input
capacitance of RF voltmeter.)
Voltmeter
(1) : Input
(2) : Ground
(3) : Output
c Test Circuit
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
Frequency (MHz)
7
6
5
4
3
2
1
0
10.500
10.600
10.700
10.800
10.900
c Frequency Characteristics
SFELF10M7HA00-B0
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
Frequency (MHz)
7
6
5
4
3
2
1
0
10.500
10.600
10.700
10.800
10.900
SFELF10M7GA00-B0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
Frequency (MHz)
10.500
10.600
10.700
10.800
10.900
7
6
5
4
3
2
1
0
SFELF10M7FA00-B0
15
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com