Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7HA00S0-R0 Datasheet(PDF) 22 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7HA00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7HA00S0-R0 Datasheet(HTML) 22 Page - Murata Manufacturing Co., Ltd

Back Button SFECF10M7HA00S0-R0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd SFECF10M7HA00S0-R0 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
Low Spurious Response Type SFELF Series
SFELF10M7 series for FM-receivers are monolithic type
ceramic filters that use the thickness expander mode
of the piezoelectric ceramic.
As part of the environment protection program, the solder
for terminal plating and terminal-element connection
inside of the ceramic filter contain no lead (Pb).
c Features
These types have lower spurious response compared
to standard filters.
(1)
(2)
(3)
7.5±2.0
2.5±0.2
0.5±0.1
1.7±0.1
1.38±0.2
2.5±0.2
MARKING
EIAJ
CODE
(in mm)
SFELF10M7KAB0-B0
(1)
(2)
(3)
7.5±2.0
2.5±0.2
0.5±0.1
1.7±0.1
1.38±0.2
2.5±0.2
MARKING
EIAJ
CODE
(in mm)
SFELF10M7JAB0-B0
(1)
(2)
(3)
7.5±2.0
2.5±0.2
0.5±0.1
1.7±0.1
1.38±0.2
2.5±0.2
MARKING
EIAJ
CODE
(in mm)
SFELF10M7HAB0-B0
(1)
(2)
(3)
7.5±2.0
2.5±0.2
0.5±0.1
1.7±0.1
1.38±0.2
2.5±0.2
MARKING
EIAJ
CODE
(in mm)
SFELF10M7GAB0-B0
(1)
(2)
(3)
7.5±2.0
2.5±0.2
0.5±0.1
1.7±0.1
1.38±0.2
2.5±0.2
MARKING
EIAJ
CODE
(in mm)
SFELF10M7FAB0-B0
Continued on the following page.
20
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
5
Part Number
Center
Frequency
(fo) (MHz)
3dB
Bandwidth
(kHz)
Attenuation
(kHz)
Insertion Loss
(dB)
Spurious
Attenuation
(1) (dB)
Spurious
Attenuation
(2) (dB)
Input/Output
Impedance
(ohm)
SFELF10M7KAB0-B0
10.700
±30kHz
110 ±30kHz
350 max.
7.0±2.0dB
45/30 min.
[within 9MHz to fo]
30 min.
[within fo to 12MHz]
330
SFELF10M7JAB0-B0
10.700
±30kHz
150 ±40kHz
380 max.
5.5±2.0dB
45 min.
[within 9MHz to fo]
45 min.
[within fo to 12MHz]
330
SFELF10M7HAB0-B0
10.700
±30kHz
180 ±40kHz
520 max.
5.0±2.0dB
45 min.
[within 9MHz to fo]
45 min.
[within fo to 12MHz]
330
SFELF10M7GAB0-B0
10.700
±30kHz
230 ±50kHz
570 max.
3.0±2.0dB
45 min.
[within 9MHz to fo]
45 min.
[within fo to 12MHz]
330
CERAFIL
r (CERAFILr 10.7MHz) for Audio/Visual Equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com